Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR220 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SR220
Description  Low Forward Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SR220 Datasheet(HTML) 1 Page - Mospec Semiconductor

  SR220 Datasheet HTML 1Page - Mospec Semiconductor SR220 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SR220
Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of
high temperature operation metal. proprietary barrier technology allows for
reliable operation up to 150℃ junction temperature. Typical application are
in switching Mode Power Supplies such as adaptors,
DC/DC converters
free- wheeling and polarity protection diodes.
Features
*
Low Forward Voltage.
*
Low Switching noise.
*
High Current Capacity
*
Guarantee Reverse Avalanche.
*
Guard-Ring for Stress Protection.
*
Low Power Loss & High efficiency.
*
150℃ Operating Junction Temperature
*
Low Stored Charge Majority Carrier Conduction.
*
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
*
Moisture Sensitivity Level: MSL-1
*In compliance with EU RoHs 2002/95/EC directives
MAXIMUM RATINGS
Characteristic
Symbol
SR220
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
140
V
Average Rectifier Forward Current
IO
2.0
A
Non-Repetitive Peak Surge Current (Surge
applied at rate load conditions halfware, single
phase, 60Hz)
IFSM
50
A
Operating and Storage Junction Temperature
Range
TJ , TSTG
-65 to +150
℃
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
SR220
Unit
Maximum Instantaneous Forward Voltage
( IF =2.0 Amp.)
VF
0.95
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃ )
( Rated DC Voltage, TC = 125℃ )
IR
0.01
10
mA
Maximum Thermal Resistance Junction to case
RθJC
55
℃
/W
Typical Junction Capacitance
( Reverse Voltage of 4 volts & f=1 MHz )
CP
80
PF
SCHOTTKY BARRIER
RECTIFIERS
2.0 AMPERES
200 VOLTS
DO-214AA(SMB)
MILLIMETERS
DIM
MIN
MAX
A
3.30
3.90
B
4.20
4.60
C
1.80
2.20
D
5.10
5.60
E
1.90
2.50
F
1.30
G
0.22
H
0.95
1.35
CASE---
Transfer molded
plastic
POLARITY---
Cathode indicated
polarity band


Similar Part No. - SR220

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR220 WTE-SR220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SR220 JGD-SR220 Datasheet
144Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR220 BYTES-SR220 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SR220 DCCOM-SR220 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR220 FORMOSA-SR220 Datasheet
33Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR220

ManufacturerPart #DatasheetDescription
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
low forward voltage
logo
Bruckewell Technology L...
SD14ST BWTECH-SD14ST Datasheet
155Kb / 4P
Low forward voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
Low Forward Voltage
S08A200 MOSPEC-S08A200 Datasheet
186Kb / 2P
Low Forward Voltage
SK220 MOSPEC-SK220 Datasheet
170Kb / 2P
Low Forward Voltage
SK320 MOSPEC-SK320 Datasheet
147Kb / 2P
Low Forward Voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
Low forward voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
Low forward voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com