Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2174 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2174
Description  AUDIO LINE AMPLIFIER with MUTE FUNCTION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2174 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2174 Datasheet HTML 1Page - New Japan Radio NJM2174 Datasheet HTML 2Page - New Japan Radio NJM2174 Datasheet HTML 3Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NJM2174
s
s
s
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
RARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7
V
Power Dissipaation
PD
300
mW
Operating Temperature Range
Topr
-20 to +75
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
s ELECTRICAL CHARACTERISTICS
(V
+=5V, V
IN=-3dBV, RL=47k
Ω, f=1kHz, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage Range
V
+
4.5
5.0
5.5
V
Operating Current
ICC
No signal
-
2.5
4.5
mA
Reference Voltage
VREF
No signal
2.0
2.3
2.6
V
Closed Loop Voltage Gain1
GV1
2.5
3.5
4.5
dB
Closed Loop Voltage Gain2
GV2
f=100kHz
-7.0
-2.5
-2.0
dB
Channel Gain Balance
∆G
V
-0.5
0
0.5
dB
Maximum Output Voltage
VOM
THD=0.1%
3
4
-
dBV
Total Harmonic Distortion
THD
-
0.005
0.01
%
Output Noise Voltage
VNO
Rg=0
Ω, A-Weighted
-
-95
-88
dBV
Mute Level
MUTE
VO/VIN
-
-85
-70
dB
Channel Separation
CS
70
90
-
dB
Supply Voltage Rejection
Ratio
SVR
VRP=-20dBV, Rg=0
Ω
45
60
-
dB
High Level Input Voltage
VIH
2.0
-
V
+
V
Low Level Input Voltage
VIL
0
-
0.3
V
s
s
s
s CONTROL TERMNAL
MUTE1(4pin)
MUTE2(5pin)
STATUS
L
L
IC doesn’t output the signal.
L
H
IC doesn’t output the signal.
H
L
IC set up 3.5dB typ. voltage gain.
H
H
IC doesn’t output the signal.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com