Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS6041 Datasheet(PDF) 1 Page - International Rectifier

Part # AUIPS6041
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS6041 Datasheet(HTML) 1 Page - International Rectifier

  AUIPS6041 Datasheet HTML 1Page - International Rectifier AUIPS6041 Datasheet HTML 2Page - International Rectifier AUIPS6041 Datasheet HTML 3Page - International Rectifier AUIPS6041 Datasheet HTML 4Page - International Rectifier AUIPS6041 Datasheet HTML 5Page - International Rectifier AUIPS6041 Datasheet HTML 6Page - International Rectifier AUIPS6041 Datasheet HTML 7Page - International Rectifier AUIPS6041 Datasheet HTML 8Page - International Rectifier AUIPS6041 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
March, 12th 2012
Automotive grade
AUIPS6041(G)(R)(S)
www.irf.com
1
INTELLIGENT POWER HIGH SIDE SWITCH
Features
Over temperature shutdown (with auto-restart)
Short circuit protection (current limit)
Reverse battery protection (turns On the MOSFET)
Full diagnostic capability (short circuit to battery)
Active clamp
Open load detection in On and Off state
Ground loss protection
Logic ground isolated from power ground
ESD protection
Lead Free and RoHS compliant
Description
The AUIPS6041(G)(R)(S) is a five terminal Intelligent Power
Switch (IPS) for use in a high side configuration. It features
short circuit, over-temperature, ESD protection, inductive load
capability and diagnostic feedback. The output current is
limited to the Ilim value. The current limitation is activated until
the thermal protection acts. The over-temperature protection
turns off the device if the junction temperature exceeds the
Tshutdown value. It will automatically restart after the junction
has cooled 7°C below the Tshutdown value. The reverse
battery protection turns On the MOSFET. A diagnostic pin
provides different voltage levels for each fault condition. The
double level shifter circuitry will allow large offsets between
the logic and load ground.
Product Summary
Rds(on)
130m
 max.
Vclamp
39V
I Limit
7A
Open load
3V / 0.22A
Packages
SO8
D-Pak
AUIPS6041G
AUIPS6041R
TO220
D2Pak
AUIPS6041
AUIPS6041S
Typical Connection
Control
Rin
Load
+Bat
Input Signal
V Diag
Rdgs
Pull-up resistors required for
open load off and short
circuit to Vbat detection
Rdgp
+5V
Out(4)
Dg(3)
Vcc(5-6-7-8)
In(2)
Gnd(1)


Similar Part No. - AUIPS6041

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS6041 INFINEON-AUIPS6041 Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 revision F
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6041G INFINEON-AUIPS6041G Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 revision F
AUIPS6041R INFINEON-AUIPS6041R Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 revision F
AUIPS6041S INFINEON-AUIPS6041S Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 revision F
More results

Similar Description - AUIPS6041

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com