Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJWI15 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MJWI15
Description  fully regulated output voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI15 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MJWI15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 9Page - Minmax Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJWI15 SERIES
DC/DC CONVERTER 15W, High Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 P4
Page 3 of 10
®
Environmental Specifications
Parameter
Conditions/Model
Min.
Max.
Unit
without Heatsink
with Heatsink
Operating Ambient Temperature Range
Natural Convection (8)
Nominal Vin, Load 100% Inom.
(for Power Derating see relative Derating Curves)
MJWI15-24S24, MJWI15-48S24
-40
+78
+82
℃
MJWI15-48D12
+75
+80
MJWI15-48S033
+74
+79
MJWI15-24S033
+72
+77
MJWI15-24S15, MJWI15-24D12
MJWI15-24D15, MJWI15-48S12
MJWI15-48S15, MJWI15-48D15
+71
+77
MJWI15-24S05, MJWI15-24S12
MJWI15-48S05
+68
+74
Thermal Impedance
20LFM Convection without Heatsink
18.2
---
℃/W
20LFM Convection with Heatsink
15.3
---
℃/W
100LFM Convection without Heatsink
13.9
---
℃/W
100LFM Convection with Heatsink
8.8
---
℃/W
200LFM Convection without Heatsink
12.1
---
℃/W
200LFM Convection with Heatsink
6.8
---
℃/W
400LFM Convection without Heatsink
9.1
---
℃/W
400LFM Convection with Heatsink
4.6
---
℃/W
Case Temperature
---
+105
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
RFI
Six-Sided Shielded, Metal Case
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Conduction
EN55022, FCC part 15
Class A
EMS
EN55024
ESD
EN61000-4-2 Air± 8kV , Contact ±6kV
A
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient (6)
EN61000-4-4 ±2kV
A
Surge (6)
EN61000-4-5 ±1kV
A
Conducted immunity
EN61000-4-6 10V/rms
A
External Filter meets Conducted EMI EN55022 class A; FCC part 15 level A
Model
Component
Value
MJWI15-24XXX
C1
TBD
L1
TBD
MJWI15-48XXX
C1
TBD
L1
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com