Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQWI40C Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # MQWI40C
Description  fully regulated output voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MQWI40C Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  MQWI40C Datasheet HTML 1Page - Minmax Technology Co., Ltd. MQWI40C Datasheet HTML 2Page - Minmax Technology Co., Ltd. MQWI40C Datasheet HTML 3Page - Minmax Technology Co., Ltd. MQWI40C Datasheet HTML 4Page - Minmax Technology Co., Ltd. MQWI40C Datasheet HTML 5Page - Minmax Technology Co., Ltd. MQWI40C Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MQWI40C SERIES
DC/DC Power Module 40W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 5 of 6
Package Specifications with DIN Rail Mounting Bracket (order code AC-DIN-02)
Mechanical Dimensions
DIN-Rail Mounting Kit
Physical Characteristics
Case Size
:
112.0x63.8x25.6mm (4.41x2.51x1.01 inches)
Case Material
:
Plastic resin (flammability to UL 94V-0 rated)
Weight
:
216g
Order Code Table
Standard
With DIN Rail Mounting by two Order Code
MQWI40-24S051C
MQWI40-24S051C
AC-DIN-02
MQWI40-24S12C
MQWI40-24S12C
AC-DIN-02
MQWI40-24S24C
MQWI40-24S24C
AC-DIN-02
MQWI40-24S48C
MQWI40-24S48C
AC-DIN-02
MQWI40-48S051C
MQWI40-48S051C
AC-DIN-02
MQWI40-48S12C
MQWI40-48S12C
AC-DIN-02
MQWI40-48S24C
MQWI40-48S24C
AC-DIN-02
MQWI40-48S48C
MQWI40-48S48C
AC-DIN-02
92.0 [3.62]
100.0 [3.94]
112.0 [4.41]
Top view
10.0 [0.39]
4 x 3.5
POWER"GOOD"INDICATOR
DC-
ON
1
2
4
5
6
7
8
3
Indication LED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com