Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRWI60C Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MRWI60C
Description  fully regulated output voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MRWI60C Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MRWI60C Datasheet HTML 1Page - Minmax Technology Co., Ltd. MRWI60C Datasheet HTML 2Page - Minmax Technology Co., Ltd. MRWI60C Datasheet HTML 3Page - Minmax Technology Co., Ltd. MRWI60C Datasheet HTML 4Page - Minmax Technology Co., Ltd. MRWI60C Datasheet HTML 5Page - Minmax Technology Co., Ltd. MRWI60C Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MRWI60C SERIES
DC/DC Power Module 60W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:3
Page 3 of 6
EMC Specifications
Parameter
Standards & Level
Performance
EMI
EMI Conducted Class A without adding any external components
EN55022, FCC part 15
Class A
EMI Radiated Class A external components
EMS
EN55024
ESD
EN61000-4-2 Air ± 8kV , Contact ± 4kV
A
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient
EN61000-4-4 ±2kV
A
Surge
EN61000-4-5 ±2kV
A
Conducted immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 30A/M
A
External Filter meets Radiated EMI EN55022 class A; FCC part 15 level A
Model
L1
C1
C2
C3
MRWI60-24SXXC
175μH/175μH
4.7μF/50V
220pF/3KV
220pF/3KV
MRWI60-48SXXC
175μH/175μH
3.3μF/100V
220pF/3KV
220pF/3KV
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-
40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MRWI60-24S051C
MRWI60-24S12C,24S24C,24S48C,48S051C,48S24C,48S48C
~
Ambient Temperature
0
20
40
60
80
100
-
40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MRWI60-48S12C
MRWI60C Module
+Vout
-Vout
+Vin
-Vin
C2
C3
L1
C1
PIN 3
PIN 2
PIN 5
PIN 7
~
Ambient Temperature
0
20
40
60
80
100
-
40
0
20
60
100
110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com