Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1771ESA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1771ESA
Description  12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1771ESA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1771ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1771ESA Datasheet HTML 9Page - Maxim Integrated Products MAX1771ESA Datasheet HTML 10Page - Maxim Integrated Products MAX1771ESA Datasheet HTML 11Page - Maxim Integrated Products MAX1771ESA Datasheet HTML 12Page - Maxim Integrated Products MAX1771ESA Datasheet HTML 13Page - Maxim Integrated Products MAX1771ESA Datasheet HTML 14Page - Maxim Integrated Products MAX1771ESA Datasheet HTML 15Page - Maxim Integrated Products MAX1771ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
12V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controller
16
______________________________________________________________________________________
___________________Chip Topography
V+
FB
0.126"
(3.200mm)
0.080"
(2.032mm)
EXT
CS
GND
AGND
SHDN
REF
TRANSISTOR COUNT: 501
SUBSTRATE CONNECTED TO V+
100
50
1m
10m
100m
1
EFFICIENCY vs. LOAD CURRENT
60
LOAD CURRENT (A)
70
80
90
VIN = 3V
MAX1771
GND
76
1N5820
330
µF
0.1
µF
4
5
1
8
2
3
OUTPUT
5V
1A
0.1
µF
232k
100k
0.04
Ω
150
µF
22
µH
MTD20N03HDL
INPUT
2.7V TO 5.5V
CS
EXT
V+
FB
100pF
AGND
SHDN
REF
OFF
ON
VIN = 4V
Figure 9. 5V/1A Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com