Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-331M4 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-331M4 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-331M4 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ATF-331M4 DC Electrical Specifications
TA = 25°C, RF parameters measured in a test circuit for a typical device
Symbol
Parameter and Test Condition
Units
Min.
Typ.[2]
Max.
Idss[1]
Saturated Drain Current
Vds = 1.5 V, Vgs = 0V
mA
175
237
305
Vp[1]
Pinch-off Voltage
Vds = 1.5 V, Ids = 10% of Idss
V
-0.65
-0.5
-0.35
Id
Quiescent Bias Current
Vgs = -0.51 V, Vds = 4 V
mA
60
Gm[1] ]
Transconductance
Vds = 1.5 V, Gm = Idss/Vp
mmho
360
440
Igdo
Gate to Drain Leakage Current
Vgd = -5 V
A
1000
Igss
Gate Leakage Current
Vgd = Vgs = -4V
A
42
600
NF
Noise Figure
f = 2 GHz
f = 900 MHz
Vds = 4 V, Ids = 60 mA
Vds = 4 V, Ids = 60 mA
dB
dB
0.6
0.5
0.8
Ga
Associated Gain
f = 2 GHz
f = 900 MHz
Vds = 4 V, Ids = 60 mA
Vds = 4 V, Ids = 60 mA
dB
dB
13.5
15
21
16.5
OIP3
Output 3rd Order
Intercept Point [3]
f = 2 GHz,
5 dBm Pout/Tone
f = 900 MHz,
5 dBm Pout/Tone
Vds = 4 V, Ids = 60 mA
Vds = 4 V, Ids = 60 mA
dBm
dBm
28.5
31
30.8
P1dB
1dB Compressed
Output Power [3]
f = 2 GHz
f = 900 MHz
Vds = 4 V, Ids = 60 mA
Vds = 4 V, Ids = 60 mA
dBm
dBm
19
18
Notes:
1. Guaranteed at wafer probe level
2. Typical values are determined from a sample size of 349 parts from 4 wafers.
3. Measurements obtained using production test board described in Figure 5.
Input
50
Ω Input
Transmission Line
Including
Gate Bias T
(0.3 dB loss)
Input
Matching Circuit
Γ_mag = 0.13
Γ_ang = 113°
(0.3 dB loss)
50
Ω Output
Transmission Line
Including
Gate Bias T
(0.5 dB loss)
DUT
Output
Figure 5. Block diagram of 2 GHz production test board used for Noise Figure, Associated Gain, P1dB, and OIP3 measurements.
This circuit represents a trade-off between an optimal noise match and a realizable match based on production test requirements.
Circuit losses have been de-embedded from actual measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com