Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-50189 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-50189
Description  Enhancement Mode Pseudomorphic HEMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-50189 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-50189 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-50189 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-50189 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-50189 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-50189 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-50189 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-50189 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-50189 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-50189 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
22
ATF-50189 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
V
DS
Drain–Source Voltage[2]
V7
V
GS
Gate–Source Voltage[2]
V
-5 to 0.8
V
GD
Gate Drain Voltage[2]
V
-5 to 1
I
DS
Drain Current[2]
A1
I
GS
Gate Current
mA
12
P
diss
Total Power Dissipation[3]
W
2.25
P
in
RF Input Power
dBm
30
T
CH
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
Notes:
1. Operation of this device above any one of
these parameters may cause permanent
damage.
2. Assumes DC quiescent conditions.
3. Board (package belly) temperature TB is 25°C.
Derate 35 mW/
°C for TB > 85°C.
4. Channel-to-board thermal resistance
measured using 150
°C Liquid Crystal
Measurement method.
ATF-50189 Electrical Specifications
TA = 25°C, DC bias for RF parameters is Vds = 4.5V and Ids = 280 mA unless otherwise specified.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Vgs
Operational Gate Voltage
Vds = 4.5V, Ids = 280 mA
V
0.37
0.53
0.72
Vth
Threshold Voltage
Vds = 4.5V, Ids = 32 mA
V
—
0.38
—
Idss
Saturated Drain Current
Vds = 4.5V, Vgs = 0V
μA
—
4.1
—
Gm
Transconductance
Vds = 4.5V, Gm =
ΔIds/ΔVgs;
mmho
175
2294
—
ΔVgs = Vgs1 – Vgs2
Vgs1 = 0.55V, Vgs2 = 0.5V
Igss
Gate Leakage Current
Vds = 0V, Vgs = -4.5V
μA
—
13.8
60
NF
Noise Figure[1]
f = 2 GHz
dB
—
1.1
—
f = 900 MHz
dB
—
1.0
—
G
Gain[1]
f = 2 GHz
dB
14
15.5
17
f = 900 MHz
dB
—
21.5
—
OIP3
Output 3rd Order Intercept Point[1,2]
f = 2 GHz
dBm
43
45
—
f = 900 MHz
dBm
—
44
—
P1dB
Output Power at 1dB Compression Point[1]
f = 2 GHz
dBm
27
29
—
f = 900 MHz
dBm
—
28.5
—
PAE
Power Added Efficiency[1] at P1dB
f = 2 GHz
%
45
62
—
f = 900 MHz
%
—
49
—
ACLR
Adjacent Channel Leakage
Offset BW = 5 MHz
dBc
—
60.0
—
Power Ratio[1,3]
Offset BW = 10 MHz
dBc
—
67.8
—
Notes:
1. Measurements at 2 GHz obtained using production test board described in Figure 1 while measurement at 900 MHz obtained from double stub tuners.
2. i ) 2 GHz OIP3 test condition: F1 = 2 GHz, F2 = 2.005 GHz and Pin = -5 dBm per tone.
ii ) 900 MHz OIP3 test condition: F1 = 900 MHz, F2 = 905 MHz and Pin = -5 dBm per tone.
3. ACLR test spec is based on 3GPP TS 25.141 V5.3.1 (2002-06)
- Test Model 1
- Active Channels: PCCPCH + SCH + CPICH + PICH + SCCPCH + 64 DPCH (SF=128)
- Freq = 2140 MHz
- Pin = -5 dBm
- Channel Integrate Bandwidth = 3.84 MHz
Thermal Resistance[2,4]
θch_b = 29°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com