Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-52189 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-52189
Description  High Linearity Mode Enhancement
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-52189 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-52189 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
22
ATF-52189 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
V
ds
Drain–Source Voltage[2]
V7
V
gs
Gate–Source Voltage[2]
V
-5 to 1.0
V
gd
Gate Drain Voltage[2]
V
-5 to 1.0
I
ds
Drain Current[2]
mA
500
I
gs
Gate Current
mA
46
P
diss
Total Power Dissipation[3]
W
1.5
P
in max.
RF Input Power
dBm
+27
T
ch
Channel Temperature
°C
150
T
stg
Storage Temperature
°C
-65 to 150
Notes:
1. Operation of this device above any one of
these parameters may cause permanent
damage.
2. Assuming DC quiescent conditions.
3. Board (package belly) temperature TB is 25°C.
Derate 19.25 mW/
°C for TB > 72°C.
4. Channel-to-board thermal resistance
measured using 150
°C Liquid Crystal
Measurement method.
ATF-52189 Electrical Specifications
TA = 25°C, DC bias for RF parameters is Vds = 4.5V and Ids = 200 mA unless otherwise specified.
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Vgs
Operational Gate Voltage
Vds = 4.5V, Ids = 200 mA
V
—
0.62
—
Vth
Threshold Voltage
Vds = 4.5V, Ids = 16 mA
V
—
0.28
—
Ids
Drain to Source Current
Vds = 4.5V, Vgs = 0V
μA
—
14.8
—
Gm
Transconductance
Vds = 4.5V, Gm =
ΔIds/ΔVgs;
mmho
—
1300
—
ΔVgs = Vgs1 – Vgs2
Vgs1 = 0.55V, Vgs2 = 0.5V
Igss
Gate Leakage Current
Vds = 0V, Vgs = -4V
μA
-20.0
0.49
—
NF
Noise Figure
f = 2 GHz
dB
—
1.50
—
f = 900 MHz
dB
—
1.25
—
G
Gain[1]
f = 2 GHz
dB
14.8
16.0
17.8
f = 900 MHz
dB
—
16.5
—
OIP3
Output 3rd Order Intercept Point[1]
f = 2 GHz
dBm
38.5
42.0
—
f = 900 MHz
dBm
—
42.0
—
P1dB
Output 1dB Compressed[1]
f = 2 GHz
dBm
25.5
27.0
—
f = 900 MHz
dBm
—
27.2
—
PAE
Power Added Efficiency
f = 2 GHz
%
40.0
55.0
—
f = 900 MHz
%
—
50.0
—
NF
Noise Figure
f=900 MHz
dB
—
1.25
—
f=2.0 GHz
dB
—
1.50
—
f=2.4 GHz
dB
—
1.60
—
G
Gain[1]
f=900 MHz
dB
—
16.5
—
f=2.0 GHz
dB
14.8
16.0
17.8
f=2.4 GHz
dB
—
13.5
—
OIP3
Output 3rd Order Intercept Point[1]
f=900 MHz
dBm
—
42.0
—
f=2.0 GHz
dBm
38.5
42.0
—
f=2.4 GHz
dBm
—
41.0
—
P1dB
Output 1dB Compressed[1]
f=900 MHz
dBm
—
27.2
—
f=2.0 GHz
dBm
25.5
27.0
—
f=2.4 GHz
dBm
—
26.0
Thermal Resistance[2,4]
θch-b = 52°C/W
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com