Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2181 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2181
Description  Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2181 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2181 Datasheet HTML 1Page - New Japan Radio NJM2181 Datasheet HTML 2Page - New Japan Radio NJM2181 Datasheet HTML 3Page - New Japan Radio NJM2181 Datasheet HTML 4Page - New Japan Radio NJM2181 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NJM2181
- 2 -
sABSOLUTE MAXIMUM RATING (Ta=25ºC)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
15
V
Power Dissipation
P
D
(SDIP24)
700
(DMP24)
700
mW
Operating Temperature Range
T
opr
-30 to
+85
ºC
Storage Temperature Range
T
stg
-40 to +125
ºC
sELECTRICAL CHARACTERISTICS (Ta=25ºC,V+=9V, V
IN =-10dBV(316mVrms))
TEST CONDITION
INPUT
PARAMETER
SYMBOL
LR
OUT
PUT
MODE
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+
-
-
-
-
4.7
9.0
13.0
V
--
-
BYPASS
--
-
TRU
--
-
3D Stereo1
Supply Current
I
CC
No Signal
--
-
3D Mono
6.3
12.5
18.8
mA
Reference Voltage
V
REF
V
+/2
-
-
-
-
4.3
4.5
4.7
V
V
IN
-L
f=1kHz
THD=3%
-V
IN
R
BYPASS
6.8
(2.2)
8.8
(2.8)
-
f=125Hz
THD=3%
V
IN
-L
TRU
1.5
(1.2)
3.5
(1.5)
-
f=125Hz
THD=3%
V
IN
-R
3D Stereo1
3.6
(1.5)
5.6
(1.9)
-
f=125Hz
THD=3%
V
IN
-R
3D Stereo2
3.6
(1.5)
5.6
(1.9)
Maximum
Input Voltage
V
IM
f=1kHz
THD=3%
V
IN
-L
3D Mono
-7.6
(0.4)
-3.0
(0.7)
-
dBV
(Vrms)
-V
IN
L
Channel Balance
CH
BAL
f=1kHz
L-R OUT
V
IN
-R
3D Stereo1
-1.0
0.0
1.0
dB
Rg=0
Ω
A-Weighted
00
L
R
TRU
-
-90
(31.6)
-85
(56.2)
Rg=0
Ω
A-Weighted
00
L
R
3D Stereo1
-
-90
(31.6)
-85
(56.2)
OutputNoise
Voltage
V
NOISE
Rg=0
Ω
A-Weighted
00
L
R
3D Mono
-
-90
(31.6)
-85
(56.2)
dBV
(µVrms)
V
IN
-L
f=1kHz
-V
IN
R
TRU
0.10
V
IN
-L
f=1kHz
-V
IN
R
3D Stereo1
0.10
V
IN
-L
Total
Harmonic
Distortion
THD
f=1kHz
-V
IN
R
3D Mono
0.10
%
V
IN
-L
Bypass Gain
G
VBYP
f=1kHz
-V
IN
R
BYPASS
-1.0
0.0
1.0
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com