Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1917EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1917EEE
Description  Tracking, Sinking and Sourcing, Synchronous Buck Controller for DDR Memory and Termination Supplies
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1917EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1917EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Tracking, Sinking and Sourcing, Synchronous Buck
Controller for DDR Memory and Termination Supplies
16
______________________________________________________________________________________
The actual microfarad capacitance value required
relates to the physical size needed to achieve low ESR,
as well as to the chemistry of the capacitor technology.
As a result, the capacitor is usually selected by ESR
and voltage rating rather than by capacitance value
(this is true of tantalums, OS-CONs, POSCAPs, and
other electrolytics).
Input Capacitor Selection
The input capacitor must meet the ripple current
requirement (IRMS) imposed by the switching currents.
Nontantalum chemistries (ceramic, aluminum, or OS-
CON) are preferred due to their superior surge current
capacity:
Setting the Current Limit
The minimum current-limit threshold must be great
enough to support the maximum load current when the
current limit is at the minimum tolerance value. The val-
ley of the inductor current occurs at ILOAD(MAX) minus
half of the ripple current. For example:
ILIMIT(LOW) > ILOAD(MAX) - (LIR / 2) ✕ ILOAD(MAX)
where ILIMIT(LOW) = minimum current-limit threshold
voltage divided by the RDS(ON) of Q2. For the
MAX1917, the minimum current-limit threshold (100mV
default setting) is 50mV. Use the worst-case maximum
value for RDS(ON) from the MOSFET Q2 data sheet, and
add some margin for the rise in RDS(ON) with tempera-
ture. A good general rule is to allow 0.5% additional
resistance for each °C of temperature rise.
When adjusting the current limit, use a 1% tolerance
RILIM resistor to prevent a significant increase of errors
in the current-limit tolerance.
Setting the Voltage Positioning
The droop resistor, RDRP, in series with the output
inductor before the output capacitor, sets the droop
voltage, VDRP. Choose RDRP such that the output volt-
age at the maximum load current, including ripple, is
just above the lower limit of the output tolerance:
RDRP introduces some power dissipation, which is
given by:
PD(DRP) = RDRP ✕ IOUT(MAX)2
RDRP should be chosen to handle this power dissipation.
MOSFET Power Dissipation
Worst-case conduction losses occur at the duty-factor
extremes. For the high-side MOSFET, the worst-case
power dissipation due to resistance occurs at minimum
input voltage:
PD(Q1) = (VOUT / VIN(MIN)) ✕ (ILOAD2) ✕ (RDS(ON))
Generally, a small high-side MOSFET is desired in order
to reduce switching losses at high input voltages.
However, the RDS(ON) required to stay within package
power-dissipation limits often limits how small the
MOSFET can be. Again, the optimum occurs when the
switching (AC) losses equal the conduction (RDS(ON))
losses. Calculating the power dissipation in Q1 due to
switching losses is challenging because it must allow for
difficult-to-quantify factors that influence the turn-on and
turn-off times. These factors include the internal gate
resistance, gate charge, threshold voltage, source
inductance, and PC board layout characteristics. The fol-
lowing switching loss calculation provides only a very
rough estimate and is no substitute for breadboard eval-
uation, preferably including a check using a thermocou-
ple mounted on Q1:
where CRSS is the reverse transfer capacitance of Q1
and IGATE is the peak gate-drive source/sink current.
For the low-side MOSFET, Q2, the worst-case power
dissipation always occurs at maximum input voltage:
PD(Q2) = (1 - VOUT / VIN(MAX)) ✕ ILOAD2 ✕ RDS(ON)
PD SWITCHING
CV
f
I
I
RSS
IN MAX
LOAD
GATE
()
()
=
×× ×
2
R
VV
V
I
DRP
OUT TYP
OUT MIN
RIPPLE
OUT MAX
<
−−
()
(
)
()
/ 2
II
VV
V
V
RMS
LOAD
OUT
IN
OUT
IN
=×
×−
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com