Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTE528F Datasheet(PDF) 1 Page - Central Technologies

Part # CTE528F
Description  Tunable Coil
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTE528F Datasheet(HTML) 1 Page - Central Technologies

  CTE528F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 07.12.12
Tunable Coil
www.ctparts.com
CTE528F
Series
From 0.03 µH to 0.45 µH
SPECIFICATIONS
Test
Tuning
Part
Inductance1
Q
Freq.
Cap.
Color
Shield
Number
(µH)
Min.
(MHz)
Range (pF)
Code
Winding
Case
CTE528SNASF-100072
0.03
60
100
78.5 ± 3%
Brown
11/2
Yes
CTE528SNASF-100073
0.05
80
100
48.5 ± 4%
Red
21/2
Yes
CTE528SNASF-100074
0.08
90
100
32.5 ± 6%
Orange
31/2
Yes
CTE528SNASF-100075
0.10
90
100
23.5 ± 6%
Yellow
41/2
Yes
CTE528SNASF-100076
0.15
90
100
17.0 ± 6%
Green
51/2
Yes
CTE528DNASF-100077
0.08
70
57
100.0 ± 6%
Orange
31/2
Yes
CTE528DNASF-100078
0.10
70
57
76.0 ± 6%
Yellow
41/2
Yes
CTE528DNASF-100079
0.13
70
57
59.0 ± 6%
Green
51/2
Yes
CTE528DNASF-100080
0.16
70
57
49.0 ± 6%
Blue
61/2
Yes
CTE528DNASF-100081
0.20
70
57
38.5 ± 6%
Violet
71/2
Yes
CTE528DNASF-100082
0.23
60
45
55.5 ± 8%2
Gray
81/2
Yes
CTE528DNASF-100083
0.25
60
45
50.5 ± 8%2
White
91/2
Yes
CTE528DNASF-100084
0.29
60
45
43.0 ± 6%2
Black
101/2
Yes
CTE528SNF-100059
0.03
90
100
72.0 ± 3%
Brown
11/2
No
CTE528SNF-100060
0.06
110
100
42.0 ± 6%
Red
21/2
No
CTE528SNF-100061
0.10
120
100
26.5 ± 8%
Orange
31/2
No
CTE528SNF-100062
0.14
120
100
18.5 ± 8%
Yellow
41/2
No
CTE528SNF-100063
0.20
110
100
13.0 ± 8%
Green
51/2
No
CTE528DNF-100064
0.09
100
57
85.8 ± 8%
Orange
31/2
No
CTE528DNF-100065
0.13
100
57
60.0 ± 8%
Yellow
41/2
No
CTE528DNF-100066
0.17
100
57
44.0 ± 8%
Green
51/2
No
CTE528DNF-100067
0.21
100
57
36.5 ± 8%
Blue
61/2
No
CTE528DNF-100068
0.29
90
57
27.0 ± 6%
Violet
71/2
No
CTE528DNF-100069
0.31
80
45
39.5 ± 6%2
Gray
81/2
No
CTE528DNF-100070
0.38
80
45
33.0 ± 6%2
White
91/2
No
CTE528DNF-100071
0.45
70
45
28.0 ± 5%2
Black
101/2
No
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS (UNSHIELDED)
PHYSICAL DIMENSIONS (SHIELDED)
Description: Tunable Coil
Applications: FM radios, television receivers, transceivers,
wireless and communication applications, RF electronic
applications, oscillator and audio filter applications.
Packaging: Bulk.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
Finish
Start
A
B
øD
C
E
E
Finish
Start
A
B
E
F
C
øD
(Tab Centers)
A
B
C
D
E
A
B
C
D
E
F
Max.
Max.
Typ.
Typ.
6.81±0.13
11.43±0.51
3.5±1.02
0.51±0.05
4.5±0.13
0.268±0.005
0.450±0.020
0.138±0.040
0.020±0.002
0.177±0.005
7.6
12.1
3.51±0.25
5.5
1.0±0.25
7.1
0.300
0.475
0.138±0.010
0.216
0.039±0.010
0.280
Size
mm
inches
Size
mm
inches
1. Inductance values for reference only.
2. C Max. core position. 2 turns off from top of can or bobbin.


Similar Part No. - CTE528F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTE526HNAF-100079 CT-CTE526HNAF-100079 Datasheet
90Kb / 1P
From 0.03 關H to 0.53 關H
CTE526HNAF-100294 CT-CTE526HNAF-100294 Datasheet
90Kb / 1P
From 0.03 關H to 0.53 關H
CTE526HNAF-100295 CT-CTE526HNAF-100295 Datasheet
90Kb / 1P
From 0.03 關H to 0.53 關H
CTE526HNAF-100296 CT-CTE526HNAF-100296 Datasheet
90Kb / 1P
From 0.03 關H to 0.53 關H
CTE526HNAF-100297 CT-CTE526HNAF-100297 Datasheet
90Kb / 1P
From 0.03 關H to 0.53 關H
More results

Similar Description - CTE528F

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF101013-1010 XFMRS-XF101013-1010 Datasheet
27Kb / 1P
Tunable Coil
XF101013-1046 XFMRS-XF101013-1046 Datasheet
27Kb / 1P
Tunable Coil
XF101013-1390 XFMRS-XF101013-1390 Datasheet
27Kb / 1P
Tunable Coil
XF101013-1010 XFMRS-XF101013-1010 Datasheet
27Kb / 1P
Tunable Coil
XF101013-1046 XFMRS-XF101013-1046 Datasheet
27Kb / 1P
Tunable Coil
XF101013-1050 XFMRS-XF101013-1050 Datasheet
27Kb / 1P
Tunable Coil
XF101013-1390 XFMRS-XF101013-1390 Datasheet
27Kb / 1P
Tunable Coil
XF101013-1010 XFMRS-XF101013-1010_15 Datasheet
27Kb / 1P
Tunable Coil
XF101013-1046 XFMRS-XF101013-1046_15 Datasheet
27Kb / 1P
Tunable Coil
XF101013-1390 XFMRS-XF101013-1390_15 Datasheet
27Kb / 1P
Tunable Coil
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com