| Electronic Components Datasheet Search |
|
PEX8713 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
PEX8713 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
4 / 5 page ![]() PEX 8713, PCI Express Gen 3 Switch, 12 Lanes, 10 Ports © PLX Technology, www.plxtech.com Page 4 of 5 8/1/2011, Version 1.0 Error Injection & SerDes Loopback Using the PEX 8713’s Error Injection feature, users can inject malformed packets and/or fatal errors into their system and evaluate a system’s ability to detect and recover from such errors. The PEX 8713 also supports Internal Tx, External Tx, Recovered Clock, and Recovered Data Loopback modes. Applications Suitable for host-centric as well as peer-to-peer traffic patterns, the PEX 8713 can be configured for a wide variety of form factors and applications. Host Centric Fan-out The PEX 8713, with its symmetric or asymmetric lane configuration capability, allows user-specific tuning to a variety of host-centric applications. Figure 6 shows a server design where, in a quad or multi processor system, users can assign endpoints/slots to CPU cores to distribute the system load. The packets directed to different CPU cores will go to different (user assigned) PEX 8713 upstream ports, allowing better queuing and load balancing capability for higher performance. Conversely, the PEX 8713 can also be used in single-host mode to simply fan-out to endpoints. Figure 6. Host Centric Dual Upstream Multi-Host Systems In multi-host mode, the PEX 8713 can be shared by up to two hosts in a system. By creating two virtual switches, the PEX 8713 allows two hosts to fan-out to their respective endpoints. This reduces the number Figure 7. Multi-Host System of switches required for fan-out, saving precious board space and power consumption. In Figure 7, the PEX 8713 is being shared by two different servers (hosts) with each server is running its own applications (I/Os). The PEX 8713 assigns the endpoints to the appropriate host and isolates them from the other hosts. Host Failover The PEX 8713 can also be utilized in applications where host failover is required. In the below application (Figure 8), two hosts may be active simultaneously and controlling their own domains while exchange status information through doorbell registers or I 2C interface. The devices can be programmed to trigger fail-over if the heartbeat information is not provided. In the event of a failure, the surviving device will reset the endpoints connected to the failing CPU and enumerate them in its own domain without impacting the operation of endpoints already in its domain. Figure 8. Host Fail-Over N+1 Fail-Over in Storage Systems The PEX 8713’s Multi-Host feature can also be used to develop storage array clusters where each host manages a set of storage devices independent of others (Figure 9). Users can designate one of the hosts as the failover-host for all the other hosts while actively managing its own endpoints. The failover-host will communicate with other hosts for status/heartbeat information and execute a failover event if/when it gets triggered. Figure 9. N+1 Failover |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |