Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX186AEAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX186AEAP Datasheet HTML 1Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 2Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 3Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 4Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Relative Accuracy (Note 2)
Low-Power, 8-Channel,
Serial 12-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 5V ±5%; VSS = 0V or -5V; fCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps); MAX186—
4.7µF capacitor at VREF pin; MAX188—external reference, VREF = 4.096V applied to VREF pin; TA = TMIN to TMAX, unless otherwise
noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
±1.0
LSB
±0.75
±1.0
±0.5
Differential Nonlinearity
DNL
±1
LSB
±2.0
±3.0
±3.0
Resolution
12
Bits
±0.5
Offset Error
±3.0
LSB
±3.0
±1.5
±2.0
±2.0
Gain Error (Note 3)
±3.0
LSB
Gain Temperature Coefficient
±0.8
ppm/°C
±0.1
LSB
SINAD
70
dB
THD
-80
dB
Spurious-Free Dynamic Range
SFDR
80
dB
Channel-to-Channel Crosstalk
-85
dB
CONDITIONS
MAX186D/MAX188D
MAX186D/MAX188D
MAX186 (all grades)
MAX188C
MAX186C
MAX186B/MAX188B
No missing codes over temperature
MAX186A/MAX188A
MAX186B/MAX188B
MAX186C/MAX188C
External reference
4.096V (MAX188)
External reference, 4.096V
MAX186A/MAX188A
65kHz, VIN = 4.096VP-P (Note 4)
VDD to AGND............................................................-0.3V to +6V
VSS to AGND ............................................................+0.3V to -6V
VDD to VSS ..............................................................-0.3V to +12V
AGND to DGND.....................................................-0.3V to +0.3V
CH0–CH7 to AGND, DGND .............(VSS - 0.3V) to (VDD + 0.3V)
CH0–CH7 Total Input Current ..........................................±20mA
VREF to AGND ...........................................-0.3V to (VDD + 0.3V)
REFADJ to AGND.......................................-0.3V to (VDD + 0.3V)
Digital Inputs to DGND...............................-0.3V to (VDD + 0.3V)
Digital Outputs to DGND ............................-0.3V to (VDD + 0.3V)
Digital Output Sink Current .................................................25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ...........889mW
SO (derate 10.00mW/°C above +70°C) ........................800mW
SSOP (derate 8.00mW/°C above +70°C) .....................640mW
CERDIP (derate 11.11mW/°C above +70°C) ................889mW
Operating Temperature Ranges:
MAX186_C/MAX188_C ........................................0°C to +70°C
MAX186_E/MAX188_E......................................-40°C to +85°C
MAX186_M/MAX188_M ..................................-55°C to +125°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX188A
MAX188B
MAX188C
MAX188D
Channel-to-Channel
Offset Matching
Signal-to-Noise + Distortion Ratio
Total Harmonic Distortion
(up to the 5th harmonic)
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (10kHz sine wave input, 4.096VP-P, 133ksps, 2.0MHz external clock, bipolar input mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com