Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX196AEAI Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX196AEAI
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX196AEAI Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX196AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX196AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX196AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX196AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX196AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX196AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX196AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX196AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX196AEAI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Layout, Grounding, and Bypassing
Careful printed circuit board layout is essential for best
system performance. For best performance, use a
ground plane. To reduce crosstalk and noise injection,
keep analog and digital signals separate. Digital
ground lines can run between digital signal lines to
minimize interference. Connect analog grounds and
DGND in a star configuration to AGND. For noise-free
operation, ensure the ground return from AGND to the
supply ground is low impedance and as short as possi-
ble. Connect the logic grounds directly to the supply
ground. Bypass VDD with 0.1µF and 4.7µF capacitors
to AGND to minimize high- and low-frequency fluctua-
tions. If the supply is excessively noisy, connect a 5
Ω
resistor between the supply and VDD, as shown in
Figure 12.
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
______________________________________________________________________________________
15
VDD
GND
DGND
DGND
AGND
+5V
+5V
SUPPLY
R* = 5
Ω
DIGITAL
CIRCUITRY
4.7
µF
0.1
µF
MAX196
MAX198
**
* OPTIONAL
** CONNECT AGND AND DGND WITH A GROUND PLANE OR A SHORT TRACE
Figure 12. Power-Supply Grounding Connection
_________________________________________________________Functional Diagram
T/H
THREE-STATE, BIDIRECTIONAL
I/O INTERFACE
12
10k
12
8
CHARGE REDISTRIBUTION
12-BIT DAC
CLOCK
SIGNAL
CONDITIONING
BLOCK
&
OVERVOLTAGE
TOLERANT
MUX
CONTROL LOGIC
&
LATCHES
REF
REFADJ
+2.5V
REFERENCE
D0–D11
12-BIT DATA BUS
CH5
CH4
CH3
CH2
CH1
CH0
CLK
CS
WR
RD
INT
VDD
AGND
DGND
MAX196
MAX198
AV =
1.638
COMP
SUCCESSIVE-
APPROXIMATION
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com