Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX197AEAI Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX197AEAI
Description  Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX197AEAI Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX197AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX197AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX197AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX197AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX197AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX197AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX197AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX197AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX197AEAI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Transfer Function
Output data coding for the MAX197 is binary in unipo-
lar mode with 1LSB = (FS / 4096) and twos-comple-
ment binary in bipolar mode with 1LSB = ((2 x
|FS|) /
4096). Code transitions occur halfway between succes-
sive-integer LSB values. Figures 10 and 11 show the
input/output (I/O) transfer functions for unipolar and
bipolar operations, respectively. For full-scale (FS) val-
ues, refer to Table 1.
Layout, Grounding, and Bypassing
Careful printed circuit board layout is essential for best
system performance. For best performance, use a
ground plane. To reduce crosstalk and noise injection,
keep analog and digital signals separate. Digital
ground lines can run between digital signal lines to
minimize interference. Connect analog grounds and
DGND in a star configuration to AGND. For noise-free
operation, ensure the ground return from AGND to the
supply ground is low impedance and as short as possi-
ble. Connect the logic grounds directly to the supply
ground. Bypass VDD with 0.1µF and 4.7µF capacitors
to AGND to minimize high- and low-frequency fluctua-
tions. If the supply is excessively noisy, connect a 5
Ω
resistor between the supply and VDD, as shown in
Figure 12.
Multi-Range (±10V, ±5V, +10V, +5V),
Single +5V, 12-Bit DAS with 8+4 Bus Interface
______________________________________________________________________________________
15
_Ordering Information (continued)
28 Narrow Ceramic SB**
-55°C to +125°C
MAX197BMYI
28 Narrow Ceramic SB**
-55°C to +125°C
MAX197AMYI
28 SSOP
-40°C to +85°C
MAX197BEAI
28 SSOP
-40°C to +85°C
MAX197AEAI
28 Wide SO
-40°C to +85°C
MAX197BEWI
28 Wide SO
28 Narrow Plastic DIP
28 Narrow Plastic DIP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX197AEWI
MAX197BENI
MAX197AENI
PIN-PACKAGE
TEMP. RANGE
PART
VDD
GND
DGND
DGND
AGND
+5V
+5V
SUPPLY
R* = 5
Ω
DIGITAL
CIRCUITRY
4.7
µF
0.1
µF
MAX197
**
* OPTIONAL
** CONNECT AGND AND DGND WITH A GROUND PLANE OR A SHORT TRACE
Figure 12. Power-Supply Grounding Connection
TRANSISTOR COUNT: 2956
SUBSTRATE CONNECTED TO GND
___________________Chip Topography
CH5
CH6
CH7
INT
REFADJ
0.231"
(5.870mm)
0.144"
(3.659mm)
D2
CH0
CH1
D0
D1
AGND
CH4
CH3
CH2
VCC
VDD
REF
DGND
CLK
WR
CS
RD
HBEN
SHDN
D7
D6
D5
D4
D3
** Contact factory for availability and processing to MIL-STD-883.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com