Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2102CWI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2102CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2102CWI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2102CWI Datasheet HTML 1Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 2Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 3Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 4Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 5Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 6Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 7Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX2102/MAX2105† are low-cost direct-conver-
sion tuner ICs designed for use in digital direct-broad-
cast satellite (DBS) television set-top box units. The
direct-conversion architecture reduces system cost
compared to devices with IF-based architectures.
The MAX2102/MAX2105 directly tune L-band signals to
baseband using a broadband I/Q downconverter.
Operating frequency range spans from at least 950MHz
to 2150MHz.
The ICs include a low-noise amplifier (LNA) with auto-
matic gain control (AGC), two downconverter mixers,
an oscillator buffer with 90° quadrature generator and
prescaler, and baseband amplifiers.
The MAX2102 features an AGC range of 50dB, allowing
input power levels as low as -69dBm. The MAX2105
has a reduced AGC range of 41dB and accepts input
power levels down to -60dBm. The reduced AGC range
of the MAX2105 allows the use of a high-gain external
LNA to achieve a lower system noise figure (NF).
________________________Applications
DBS Tuners
Wireless Local Loop
DVB-Compliant DBS Tuners
Broadband Systems
Cellular Base Stations
LMDS
____________________________Features
o Low-Cost Bipolar Design, Lowest Cost
Architecture
o Operate from a Single +5V Supply
o 950MHz to 2150MHz Input Frequency Range*
o On-Chip Quadrature Generator, Dual-Modulus
Prescaler (/64, /65)
o Input Levels
-69dBm to -19dBm per Carrier (MAX2102)
-60dBm to -19dBm per Carrier (MAX2105)
o Over 50dB AGC Control Range (MAX2102)
o Noise Figure = 13.2dB (MAX2102);
IP3 = 6.5dBm (at 1450MHz)
o Automatic Baseband Offset Correction
o Easy Interface to MAX1002/MAX1003 Dual ADC
and Popular Baseband ICs
Direct-Conversion Tuner ICs for
Digital DBS Applications
________________________________________________________________
Maxim Integrated Products
1
MAX2102
MAX2105
Q
I
VCC
QOUT
GND
GND
AGC
GND
RFIN
VCC
GND
VCC
GND
IOUT
VCC
OFFSET CORRECTION
/64, /65
90°
0°
RFIN
QDC
IDC
IDC
GND
VCC
LO
VCC
GND
PSGND
PSOUT
MOD
VCC
LO
QDC
14
13
12
11
10
9
8
7
6543
2
1
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Functional Diagram
19-1256; Rev 2; 10/98
PART
MAX2102CWI
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 SO
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Ordering Information
†Patents pending
*
Contact factory for MAX2102/MAX2105 versions with expanded frequency range.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
MAX2105CWI
0°C to +70°C
28 SO


Similar Part No. - MAX2102CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2102 MAXIM-MAX2102 Datasheet
105Kb / 8P
Evaluation Kit
Rev 2; 10/98
MAX2102EVKIT-SO MAXIM-MAX2102EVKIT-SO Datasheet
105Kb / 8P
Evaluation Kit
Rev 2; 10/98
MAX2102 MAXIM-MAX2102_1 Datasheet
105Kb / 8P
Evaluation Kit
Rev 2; 10/98
More results

Similar Description - MAX2102CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com