Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX218C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX218C/D
Description  1.8V to 4.25V-Powered, True RS-232 Dual Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX218C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX218C/D Datasheet HTML 1Page - Maxim Integrated Products MAX218C/D Datasheet HTML 2Page - Maxim Integrated Products MAX218C/D Datasheet HTML 3Page - Maxim Integrated Products MAX218C/D Datasheet HTML 4Page - Maxim Integrated Products MAX218C/D Datasheet HTML 5Page - Maxim Integrated Products MAX218C/D Datasheet HTML 6Page - Maxim Integrated Products MAX218C/D Datasheet HTML 7Page - Maxim Integrated Products MAX218C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.8V to 4.25V-Powered,
True RS-232 Dual Transceiver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VCC = 1.8V to 4.25V, C1 = 0.47µF, C2 = C3 = C4 = 1µF, L1 = 15µH, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at VCC = 3.0V, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltages
VCC ....................................................................-0.3V to +4.6V
V+ .......................................................... (VCC - 0.3V) to +7.5V
V- .......................................................................+0.3V to -7.4V
VCC to V- ..........................................................................+12V
LX ................................................................-0.3V to (1V + V+)
Input Voltages
T_IN, EN, S
—
H
—
D
—
N
–
................................................. -0.3V to +7V
R_IN .................................................................................±25V
Output Voltages
T_OUT.............................................................................±15V)
R_OUT ....................................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration, R_OUT, T_OUT to GND ....... Continuous
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ..........889mW
Wide SO (derate 10.00mW/°C above +70°C)..............800mW
SSOP (derate 8.00mW/°C above +70°C) ...................640mW
Operating Temperature Ranges
MAX218C_ P ..................................................... 0°C to +70°C
MAX218E_ P ................................................... -40°C to +85°C
Storage Temperature Range ........................... -65°C to +150°C
Lead Temperature (soldering, 10sec) ........................... +300°C
All transmitter outputs loaded with 3k
Ω to ground
-15V < R_IN < +15V
No load, VCC = EN = S
—
H
—
D
—
N
–
= 3.0V, TA = +25°C
VCC = 1.8V to 3.6V
VCC = 1.8V to 4.25V
VCC = 1.8V to 4.25V
VCC = 2.0V to 4.25V
R_OUT, IOUT = 1.0mA
T_IN, EN, S
—
H
—
D
—
N
–
= 0V or VCC
T_IN
T_IN, EN, S
—
H
—
D
—
N
–
S
—
H
—
D
—
N
–
= EN = 0V, all R_INs static
S
—
H
—
D
—
N
–
= 0V, EN = VCC, all R_INs static
R_OUT, 0V
≤ R_OUT ≤ VCC, EN = 0V
T_IN, EN, S
—
H
—
D
—
N
–
R_OUT, IOUT = -0.4mA
CONDITIONS
V
±5
±6
Output Voltage Swing
k
Ω
35
7
Input Resistance
V
0.7
Input Hysteresis
V
2.8
Input Threshold High
3.0
V
0.3
Input Threshold Low
0.4
V
-25
+25
Input Voltage Range
µA
0.05
±10
Output Leakage Current
V
VCC - 0.25
VCC - 0.08
Output Voltage High
mA
1.9
3.0
Supply Current (Note 1)
V
1.8
4.25
Operating Voltage Range
V
0.4
Output Voltage Low
µA
0.001
±1
Input Leakage Current
V
0.1
Input Hysteresis
V
0.67 x VCC
Input Logic Threshold High
0.04
10
µA
0.04
10
Shutdown Supply Current
V
0.33 x VCC
Input Logic Threshold Low
UNITS
MIN
TYP
MAX
PARAMETER
VCC = 0V, -2V < T_OUT < +2V
mA
±24
±100
Output Short-Circuit Current
Ω
300
Output Resistance
DC CHARACTERISTICS
EIA/TIA-232E RECEIVER INPUTS
LOGIC
EIA/TIA-232E TRANSMITTER OUTPUTS
Note 1: Entire supply current for the circuit of Figure 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com