Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTB2800S Datasheet(PDF) 6 Page - International Rectifier

Part # HTB2800S
Description  HIGH TEMPERATURE HYBRID DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTB2800S Datasheet(HTML) 6 Page - International Rectifier

Back Button HTB2800S_15 Datasheet HTML 2Page - International Rectifier HTB2800S_15 Datasheet HTML 3Page - International Rectifier HTB2800S_15 Datasheet HTML 4Page - International Rectifier HTB2800S_15 Datasheet HTML 5Page - International Rectifier HTB2800S_15 Datasheet HTML 6Page - International Rectifier HTB2800S_15 Datasheet HTML 7Page - International Rectifier HTB2800S_15 Datasheet HTML 8Page - International Rectifier HTB2800S_15 Datasheet HTML 9Page - International Rectifier HTB2800S_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com
HTB28XXS
(185°C, 28V Input, Single Output)
4. Measuring Output ripple of HTB:
The HTB converter’s output ripple should be measured per prescribed procedure to get reliable values.
Figure 4 shows how an oscilloscope and associated external R-C components should be connected to get
true value of output ripple at full load.
+ Vout
Return
DUT
R
L for IRATED
0.1 µF
50
Ω Coax
50
Ω
Oscilliscope or Equivalent
with 10 MHz Bandwidth.
Multiply readings by 2.
1 µF
50
Ω
Termination
Figure 4. Measuring O/P noise+ripple of HTB Converter
Figure 3. Pictorial Definition of O/P noise+ripple of any Converter
Because of the high frequency content of this ripple, special measurement techniques must be employed
so that correct measurements are obtained. First, a 10 MHz bandwidth oscilloscope is normally used for the
measurement so that all significant harmonics of the ripple spikes are included. Otherwise on a 200 MHz or
500 MHz oscilloscope, one can limit the bandwidth of measurement to 10 MHz.
The actual ripple voltage measurement must be carefully made in order not to induce error voltages in the
test equipment. Therefore, the conventional ground clip on an oscilloscope probe (see Figure 5) should
never be used in this type of measurement. This clip, when placed in a field of radiated high frequency
energy, acts as an antenna or inductive pickup loop, creating an extraneous voltage that is not a part of the
output noise of the converter.
Figure 5. Oscilloscope probe
Figure 6. Correct method to use Oscilloscope
Probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com