Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE-8204 Datasheet(PDF) 1 Page - Level One

Part # ADE-8204
Description  4-Port DVI Broadcaster with Audio
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

ADE-8204 Datasheet(HTML) 1 Page - Level One

  ADE-8204 Datasheet HTML 1Page - Level One ADE-8204 Datasheet HTML 2Page - Level One ADE-8204 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

4-Port DVI Broadcaster
with Audio
ADE-8204
LevelOne DVI-Broadcaster Series
The LevelOne DVI Broadcaster Series is the perfect
solution for malls, plazas, stations, supermarkets or
any other environment where real-time information
needs to be displayed at different remote viewing
locations without the loss of resolution.
The ADE-8200 DVI Broadcaster series from LevelOne
is a cost-effective alternative to expensive systems
currently available. Without loosing resolution or
sound quality, the LevelOne broadcaster series can
broadcast DVI video signals over Cat5/5e/6 and stereo
audio over 4-wire phone cabling to remote monitors
at standard 1024x768 resolution 70 meters away.
Further, the broadcaster series has stackable
capability to expand transmission of DVI signals to
additional viewing stations. By utilizing the multi
H/W Version: 2
ADE-8001
Short-Range DVI Receiver
ADE-8011
Cat.5 Audio Transmitter/
Receiver
1. LED Indicators
2. Power Jack
3. DVI Input Port
4. Audio Input Port
5. RJ-45 to Receive Port
(ADE-8002)
6. RJ-11 to Receive Port
(ADE-8011)
7. DVI Output Port
8. Audio Output Port
Key Features
- Transmits DVI signal via Cat.5/Cat.5e/Cat.6
- Transmits stereo audio via 4-wire phone cable
- DVI signal transmission distance up to 70 meters at
1024 x 768 resolution
- Supports high DVI resolution up to 1920 x 1200
- Easy installation and no software required
Works Well With
port broadcasters (ADE-8202, 8204 and 8208), users
can scale out the original DVI signal with audio to 81
remote monitor locations.
The single port transmitter (ADE-8201), coupled
with the ADE-8002 long range DVI receiver, is able to
transmit a DVI signal to a remote viewing station 70
meters away. Coupled with the short range receiver
(ADE-8001) the single port transmitter transmits the
DVI signal to a remote viewing station 15 meters away.
The LevelOne DVI-broadcaster series is the best
solution at the most competitive pricing compared
to other leading brands. Not only is it possible to
use inexpensive Cat5 cabling without the loss of
any resolution, but also provides for a more cost-
competitive solution that has direct impact on lower
installation, maintenance and management costs.
1
6
5
4
3
2
7
8


Similar Part No. - ADE-8204

ManufacturerPart #DatasheetDescription
logo
Level One
ADE-8208 LVL1-ADE-8208 Datasheet
242Kb / 3P
8-Port DVI Broadcaster with Audio
More results

Similar Description - ADE-8204

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B002DUA4 TRIPPLITE-B002DUA4 Datasheet
501Kb / 3P
4-Port NIAP-Certified (EAL 2plus) Secure DVI - USB KVM Switch with Audio
B004DUA4KR TRIPPLITE-B004DUA4KR Datasheet
493Kb / 3P
4-Port DVI-USB KVM Switch w-Audio and Cables
B116004A TRIPPLITE-B116004A Datasheet
491Kb / 2P
4-Port DVI Splitter with Audio and Signal Booster, Single-Link 1920x1200 at 60Hz-1080p (DVI F-4xF)
logo
Level One
ADE-8208 LVL1-ADE-8208 Datasheet
242Kb / 3P
8-Port DVI Broadcaster with Audio
AVE-9201 LVL1-AVE-9201 Datasheet
791Kb / 2P
1-port Cat.5 Audio/Video Broadcaster
AVE-9205 LVL1-AVE-9205 Datasheet
941Kb / 3P
5-port Cat.5 Audio/Video Broadcaster
KVM-0261 LVL1-KVM-0261 Datasheet
1Mb / 3P
2/4-Port USB DVI KVM Switch with Audio and USB 2.0 Hub
logo
Tripp Lite. All Rights ...
B004-DUA4-K-R TRIPPLITE-B004-DUA4-K-R Datasheet
491Kb / 3P
4-Port DVI/USB KVM Switch w/Audio and Cables
B002-DV1A4 TRIPPLITE-B002-DV1A4 Datasheet
160Kb / 4P
Secure KVM Switch, DVI to DVI - 4-Port, NIAP PP3.0 Certified, Audio, Single Monitor
B002-DV2A4-N4 TRIPPLITE-B002-DV2A4-N4 Datasheet
40Kb / 4P
Secure KVM Switch, 4-Port, Dual Head, DVI to DVI, NIAP PP4.0, Audio, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com