Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2121 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2121
Description  CURRENT LIMITING LOW SIDE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2121 Datasheet(HTML) 1 Page - International Rectifier

  IR2121 Datasheet HTML 1Page - International Rectifier IR2121 Datasheet HTML 2Page - International Rectifier IR2121 Datasheet HTML 3Page - International Rectifier IR2121 Datasheet HTML 4Page - International Rectifier IR2121 Datasheet HTML 5Page - International Rectifier IR2121 Datasheet HTML 6Page - International Rectifier IR2121 Datasheet HTML 7Page - International Rectifier IR2121 Datasheet HTML 8Page - International Rectifier IR2121 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
• Gate drive supply range from 12 to 18V
• Undervoltage lockout
• Current detection and limiting loop to limit driven
power transistor current
• Error lead indicates fault conditions and programs
shutdown time
• Output in phase with input
• 2.5V, 5V and 15V input logic compatible
• Also available LEAD-FREE
Description
The IR2121 is a high speed power MOSFET and
IGBT driver with over-current limiting protection cir-
cuitry. Latch immune CMOS technology enables rug-
gedized monolithic construction. Logic inputs are
compatible with standard CMOS or LSTTL outputs,
down to 2.5V logic.
The output driver features a
high pulse current buffer stage designed for mini-
mum cross-conduction. The protection circuitry de-
tects over-current in the driven power transistor and
limits the gate drive voltage. Cycle-by-cycle shut-
down is programmed by an external capacitor which
Data Sheet No. PD60018-M
CURRENT LIMITING LOW SIDE DRIVER
Product Summary
VOFFSET
5V max.
IO+/-
1A / 2A
VOUT
12 - 18V
VCSth
230 mV
ton/off (typ.)
150 & 150 ns
Package
Typical Connection
8-Lead PDIP
V
CC
V
CC
CS
OUT
V
S
COM
IN
ERR
TO
LOAD
V
CC
IN
IR2121 & (PbF)
www.irf.com
1
(Refer to Lead
Assignments for correct
pin configuration). This/
These diagram(s) show
electrical connections
only. Please refer to our
Application Notes and
DesignTips for proper
circuit board layout.
directly controls the time interval between detection of the over-current limiting condition and latched shut-
down. The output can be used to drive an N-channel power MOSFET or IGBT in the low side configuration.


Similar Part No. - IR2121

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2121 IRF-IR2121 Datasheet
452Kb / 15P
CURRENT LIMITING LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2121 INFINEON-IR2121 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
logo
International Rectifier
IR2121PBF IRF-IR2121PBF Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
More results

Similar Description - IR2121

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2121 IRF-IR2121 Datasheet
452Kb / 15P
CURRENT LIMITING LOW SIDE DRIVER
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2121PBF IRF-IR2121PBF Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2121 INFINEON-IR2121 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com