Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTCDEP147SF Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDEP147SF
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDEP147SF Datasheet(HTML) 1 Page - Central Technologies

  CTCDEP147SF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2010 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.29.10
Power Inductors - Shielded
www.ctparts.com
CTCDEP147SF
Series
From 0.4 µH to 9.5 µH
SPECIFICATIONS
Part numbers indicate inductance tolerance available.
N = ±30%, M = ±20%
L Test
DCR
Saturation
Temp.
Part
Inductance
Freq.
Max.
Current
Current
Number
(µH)
(KHz)
(mW)
(A)
(A)
CTCDEP147SF-R40N
0.4
100
2.10
52.8
23.0
CTCDEP147SF-R90M
0.9
100
2.65
36.0
18.0
CTCDEP147SF-1R5M
1.5
100
3.50
27.2
16.0
CTCDEP147SF-2R4M
2.4
100
3.90
22.4
13.0
CTCDEP147SF-3R4M
3.4
100
5.50
18.4
12.3
CTCDEP147SF-4R7M
4.7
100
7.50
15.2
12.0
CTCDEP147SF-6R1M
6.1
100
7.80
14.8
11.0
CTCDEP147SF-7R7M
7.7
100
9.85
12.4
10.0
CTCDEP147SF-9R5M
9.5
100
13.3
11.2
9.30
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Power Inductor.
Applications: LCD television set, notebook PC, portable
communication equipment, DC/DC converters, etc.
Operating Temperature: -30°C to +100°C (includes temp. when
coil is heated)
Saturation Current: This indicates the value of current when the
inductance is 25% lower than its initial value at D.C. superposition
or D.C. current.
Temperature Current: To load current onto the components
under normal ambience, which causes the temp. change as
DT=40°C or more lower current.
Inductance Tolerance: M = ±20%, N = ±30%
Testing: Inductance is tested on an HP4285A at 100KHz, 0.25V.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
C
A
F
G
D
D
E
Marking
(Inductance
Schematic (Bottom)
Code)
2
1
3
15.5
10.2
A
B
C
D
E
F
G
Max.
Max.
Max.
Typ.
Typ.
Typ.
Typ.
14.9
15.0
8.1
2.8
10.5
2.3
9.0
0.58
0.59
0.32
0.11
0.41
0.09
0.35
Size
mm
inches
Unit: mm


Similar Part No. - CTCDEP147SF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDEP147HF CT-CTCDEP147HF Datasheet
355Kb / 1P
Power Inductors - Shielded
CTCDEP147LF CT-CTCDEP147LF Datasheet
355Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDEP147SF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com