Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2188M Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2188M
Description  Passive Matrix TruSurround 3D Audio Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2188M Datasheet(HTML) 2 Page - New Japan Radio

  NJM2188M Datasheet HTML 1Page - New Japan Radio NJM2188M Datasheet HTML 2Page - New Japan Radio NJM2188M Datasheet HTML 3Page - New Japan Radio NJM2188M Datasheet HTML 4Page - New Japan Radio NJM2188M Datasheet HTML 5Page - New Japan Radio NJM2188M Datasheet HTML 6Page - New Japan Radio NJM2188M Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM2188
- 2 -
s
s
s
sBLOCK DIAGRAM
s
s
s
sPIN CONFIGRATION
1
2
3
4
5
6
7
8
16
15
14
13
10
12
11
9
NJM2188
MODE 1
MODE 2
VREF
GND
V
+
Lch out
Rch out
Lch in
Rch in
FIL1_IN2
FIL1_IN1
FIL1_IN3
FIL1_OUT
No.
Symbol
Function
1
MODE1
Mode Switch
2
MODE2
Mode Switch
3
V
+
Supply Voltage 4.5V to 13V
4
VREF
V
+/2 OUTPUT
5
FIL2_OUT
Perspective Network_2 output
6
FIL2_IN
Perspective Network_2 input
7
FIL2_IN2
Perspective Network_2 input2
8
GND
Ground
9
Rch OUT
Rch OUTPUT
10
Lch OUT
Lch OUTPUT
11
FIL1_IN3
Perspective Network_1 INPUT3
12
FIL1_IN2
Perspective Network_1 INPUT2
13
FIL1_IN1
Perspective Network_1 INPUT1
14
FIL1_OUT
Perspective Network_1
OUTPUT
15
Rch IN
Rch INPUT
16
Lch IN
Lch INPUT
FIL2_OUT
FIL2_IN
FIL2_IN2
MIX
VREF
VREF
VREF
VREF
VREF
VREF
VREF
MIX
V+
SW Control
VREF
VREF
Rch in
SRS 3D-1
Lch in
SRS 3D1
Lch out
Rch out
TRU
SRS 3D-2
(SRS 3D)
(SRS 3D)
TRU
TRU
TRU
SW1
SW2
SW3
SW4
GND
VREF
V+
50K
50K
51K
150K
20K
15K
5K
50K
12.5K
20K
50K
50K
BYPASS
BYPASS
SRS 3D-2
11K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com