Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5705PZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705PZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705PZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705PZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Table 7. Receiver Optical Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Input Optical Power
PIN
-3
dBm
Receiver Sensitivity
PMIN
-20
dBm
1, 2
Stressed Receiver Sensitivity
(Optical Average Input Power) 1.25Gbps
-14.4
dBm
8
Receiver Electrical 3 dB
Upper Cutoff Frequency
1500
MHz
Operating Center Wavelength
lC
1270
1355
nm
Return Loss (minimum)
12
dB
9
Loss of Signal - Assert
PA
-30
dBm
3
Loss of Signal - De-Assert
PD
-20
dBm
3
Loss of Signal - Hysteresis
PD - PA
0.5
dB
Notes:
1. BER = 10-12
2. An average power of -20 dBm with an Extinction Ratio of 9 dB is approximately equivalent to an OMA of 15 μW.
3. These average power values are specified with an Extinction Ratio of 9 dB. The loss-of-signal circuitry responds to valid 8B/10B-encoded peak
to peak input optical power, not average power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com