Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5705APZ Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705APZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705APZ Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Table 11. Part Number Extensions and Datafields
AFCT-5701ALZ
AFCT-5701APZ
AFCT-5701LZ
AFCT-5701PZ
Address
Hex
ASCII
Address
Hex
ASCII
Address
Hex
ASCII
Address
Hex
ASCII
48
31
1
48
31
1
48
31
1
48
31
1
49
41
A
49
41
A
49
4C
L
49
50
P
50
4C
L
50
50
P
50
5A
Z
50
5A
Z
51
5A
Z
51
5A
Z
51
20
51
20
92
0
92
0
92
0
92
0
93
0
93
0
93
0
93
0
94
0
94
0
94
0
94
0
AFCT-5705ALZ
AFCT-5705APZ
AFCT-5705LZ
AFCT-5705PZ
Address
Hex
ASCII
Address
Hex
ASCII
Address
Hex
ASCII
Address
Hex
ASCII
48
35
5
48
35
5
48
35
5
48
35
5
49
41
A
49
41
A
49
4C
L
49
50
P
50
4C
L
50
50
P
50
5A
Z
50
5A
Z
51
5A
Z
51
5A
Z
51
20
51
20
92
68
92
68
92
68
92
68
93
F0
93
F0
93
F0
93
F0
94
1
94
1
94
1
94
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com