Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX253ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX253ESA
Description  Transformer Driver for Isolated RS-485 Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX253ESA Datasheet HTML 1Page - Maxim Integrated Products MAX253ESA Datasheet HTML 2Page - Maxim Integrated Products MAX253ESA Datasheet HTML 3Page - Maxim Integrated Products MAX253ESA Datasheet HTML 4Page - Maxim Integrated Products MAX253ESA Datasheet HTML 5Page - Maxim Integrated Products MAX253ESA Datasheet HTML 6Page - Maxim Integrated Products MAX253ESA Datasheet HTML 7Page - Maxim Integrated Products MAX253ESA Datasheet HTML 8Page - Maxim Integrated Products MAX253ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Transformer Driver for
Isolated RS-485 Interface
_______________________________________________________________________________________
5
_____________________Pin Description
Not internally connected.
N.C.
5
+5V supply voltage.
VCC
6
GND2
7
Open drain of N-channel transformer drive 2.
D2
8
SD
4
FS
3
PIN
GND1
2
Open drain of N-channel transfomer drive 1.
D1
1
FUNCTION
NAME
_______________Detailed Description
The MAX253 is an isolated power-supply transformer
driver specifically designed to form the heart of a fully
isolated RS-485 data interface. Completely isolated
communications are obtained by combining the
MAX253 with a linear regulator, a center-tapped trans-
former, optocouplers, and the appropriate Maxim inter-
face product (as described in the
Isolated RS-485/RS-
232 Data Interface section).
The MAX253 consists of an RC oscillator followed by a
toggle flip-flop, which generates two 50% duty-cycle
square waves, out-of-phase at half the oscillator fre-
quency (see Figure 2). These two signals drive the
ground-referenced output switches. Internal delays
ensure break-before-make action between the two
switches.
Ground SD for normal operation. When high, SD dis-
ables all internal circuitry, including the oscillator and
both power switches.
Pulling FS low reduces the oscillator frequency and low-
ers the supply current (see Supply Current vs.
Temperature in the
Typical Operating Characteristics).
FS includes a weak pull-up, so it will float to the high-fre-
quency state if not connected.
MAX253
D1
D2
FS
GND1
GND2
VCC
1
8
4
6
27
3
SD
FREQUENCY
SWITCH
ON / OFF
R2
50
Ω
R1
50
Ω
VIN
5V
C1
0.1µF
Figure 1. Test Circuit
MAX253
D1
D2
FS
GND2
GND1
VCC
FREQUENCY
SWITCH
C3
C1
C2
5V @ 200mA
ISO OUTPUT
5V
N
N
Q
Q
OSC
F / F
VIN
SD
ON / OFF
400kHz/
700kHz
T
ISO
GND
Figure 2. Block Diagram
Ground. Connect both GND1 and GND2
to ground.
Frequency switch. If FS = VCC or open,
switch frequency = 350kHz; if FS = 0V,
switch frequency = 200kHz.
Shutdown. Ground for normal operation,
tie high for shutdown.
Ground. Connect both GND1 and GND2
to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com