Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3596 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3596
Description  Digital Multi-Phase Memory/Mobile Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3596 Datasheet(HTML) 2 Page - International Rectifier

  IR3596 Datasheet HTML 1Page - International Rectifier IR3596 Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
Digital Multi-Phase Memory/Mobile Controller
IR3596
www.irf.com | © 2014 International Rectifier
June 6, 2014 | V1.3
2
ORDERING INFORMATION
IR3596M          
 
 
 
 
 
 
 
PIN DIAGRAM 
 
CFILT
VSEN
TSEN
PSI#_ADDR-
PROT
SVADDR
VRDY
VINSEN
VCC
VRTN
PWM3
1
2
7
5
6
3
4
21
20
15
17
16
19
18
PAD
IR3596
28 Pin 4x4 QFN
Top View
9
13
11
10
14
12
8
27
23
25
26
22
24
28
LGND
SV_ALERT#
PWM2
ISEN3
 
Figure 1: IR3596 Pin Diagram
1
Notes:
1. Center pad is electrically isolated. Pad should be always connected to ground.
P/PBF – LEAD FREE
TR – Tape and Reel
yy – Configuration File ID
xx – Customer ID
Package Type (QFN)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com