Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLMS1902PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLMS1902PBF
Description  GENERATION V TECHNOLOGY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS1902PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLMS1902PBF Datasheet HTML 1Page - International Rectifier IRLMS1902PBF Datasheet HTML 2Page - International Rectifier IRLMS1902PBF Datasheet HTML 3Page - International Rectifier IRLMS1902PBF Datasheet HTML 4Page - International Rectifier IRLMS1902PBF Datasheet HTML 5Page - International Rectifier IRLMS1902PBF Datasheet HTML 6Page - International Rectifier IRLMS1902PBF Datasheet HTML 7Page - International Rectifier IRLMS1902PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLMS1902PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-SourceBreakdownVoltage
20
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.032 –––
V/°C Reference to 25°C, ID = 1mA
––– ––– 0.10
VGS = 4.5V, ID = 2.2A ƒ
––– ––– 0.17
VGS = 2.7V, ID = 1.1A ƒ
VGS(th)
Gate Threshold Voltage
0.70 ––– –––
V
VDS = VGS, ID = 250µA
gfs
ForwardTransconductance
3.2
––– –––
S
VDS = 10V, ID = 1.1A
––– –––
1.0
VDS = 16V, VGS = 0V
––– –––
25
VDS = 16V, VGS = 0V, TJ = 125°C
Gate-to-SourceForwardLeakage
––– ––– 100
VGS = 12V
Gate-to-SourceReverseLeakage
––– ––– -100
VGS = -12V
Qg
TotalGateCharge
–––
4.7
7.0
ID = 2.2A
Qgs
Gate-to-SourceCharge
––– 0.97 1.5
nC
VDS = 16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
1.8
2.6
VGS = 4.5V, See Fig. 6 and 9 ƒ
td(on)
Turn-On Delay Time
–––
7.0
–––
VDD = 10V
tr
Rise Time
–––
11
–––
ID = 2.2A
td(off)
Turn-Off Delay Time
–––
12
–––
RG = 6.0Ω
tf
Fall Time
–––
4.0
–––
RD = 4.4Ω, See Fig. 10 ƒ
Ciss
InputCapacitance
––– 300 –––
VGS = 0V
Coss
OutputCapacitance
––– 120 –––
pF
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
50
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
StaticDrain-to-SourceOn-Resistance
IDSS
Drain-to-SourceLeakageCurrent
nA
ns
Parameter
Min. Typ. Max. Units
Conditions
IS
ContinuousSourceCurrent
MOSFET symbol
(BodyDiode)
showing the
ISM
PulsedSourceCurrent
integralreverse
(Body Diode) 
p-n junction diode.
VSD
DiodeForwardVoltage
––– –––
1.2
V
TJ = 25°C, IS = 2.2A, VGS = 0V ‚
trr
ReverseRecoveryTime
–––
40
60
ns
TJ = 25°C, IF = 2.2A
Qrr
ReverseRecoveryCharge
–––
37
55
nC
di/dt = 100A/µs ‚
Source-Drain Ratings and Characteristics
A
18
–––
–––
–––
1.7
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ 2.2A, di/dt ≤ 110A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 5sec.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com