Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT636FYF Datasheet(PDF) 1 Page - Central Technologies

Part # CT636FYF
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT636FYF Datasheet(HTML) 1 Page - Central Technologies

  CT636FYF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.29.15
Power Inductors - Unshielded
www.ctparts.com
CT636FYF
Series
From 1.0 µH to 100 µH
SPECIFICATIONS
Parts are marked to indicate tolerance available.
M = ±20%
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(KHz)
(
Ω)
(A)
CT636FYF-1R0M
1.0
100
.02
2.9
CT636FYF-1R5M
1.5
100
.03
2.7
CT636FYF-2R2M
2.2
100
.03
2.4
CT636FYF-3R3M
3.3
100
.04
2.1
CT636FYF-4R7M
4.7
100
.05
1.9
CT636FYF-6R8M
6.8
100
.07
1.6
CT636FYF-100M
10
100
.09
1.4
CT636FYF-120M
12
100
.10
1.3
CT636FYF-150M
15
100
.13
1.1
CT636FYF-180M
18
100
.16
1.0
CT636FYF-220M
22
100
.18
.93
CT636FYF-270M
27
100
.24
.80
CT636FYF-330M
33
100
.29
.72
CT636FYF-390M
39
100
.34
.66
CT636FYF-470M
47
100
.41
.59
CT636FYF-560M
56
100
.48
.55
CT636FYF-680M
68
100
.60
.49
CT636FYF-820M
82
100
.71
.44
CT636FYF-101M
100
100
.95
.38
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description:
SMD power inductor.
Applications:
Ideal for a variety of DC/DC converter
applications and low profile use.
Operating Temperature:
-30°C to +100°C
Inductance Tolerance:
±20%
Testing:
Inductance is tested on an HP4285A at 100KHz.
Packaging:
Tape & Reel.
Marking:
Parts are marked with inductance code.
Miscellaneous:
RoHS Compliant.
Additional Information:
Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
E
Max.
Max.
Max.
Max.
7.4
7.4
3.5
2.0±0.2
5.4
0.29
0.29
0.14
0.08±0.008
0.21
Size
mm
inches
CT636FYF-100M
10
100
.09
1.4
CT636FYF-120M
12
100
.10
1.3
CT636FYF-150M
15
100
.13
1.1
CT636FYF-180M
18
100
.16
1.0
CT636FYF-220M
22
100
.18
.93
CT636FYF-270M
27
100
.24
.80
CT636FYF-330M
33
100
.29
.72
CT636FYF-390M
39
100
.34
.66
CT636FYF-470M
47
100
.41
.59
CT636FYF-560M
56
100
.48
.55
CT636FYF-680M
68
100
.60
.49
CT636FYF-820M
82
100
.71
.44


Similar Part No. - CT636FYF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT636CYF CT-CT636CYF Datasheet
172Kb / 1P
Power Inductors - Shielded
CT636CYF-100M CT-CT636CYF-100M Datasheet
172Kb / 1P
Power Inductors - Shielded
CT636CYF-101M CT-CT636CYF-101M Datasheet
172Kb / 1P
Power Inductors - Shielded
CT636CYF-102M CT-CT636CYF-102M Datasheet
172Kb / 1P
Power Inductors - Shielded
CT636CYF-120M CT-CT636CYF-120M Datasheet
172Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CT636FYF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com