Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT1008PSF Datasheet(PDF) 1 Page - Central Technologies

Part # CT1008PSF
Description  SMD Shielded Wire-wound Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT1008PSF Datasheet(HTML) 1 Page - Central Technologies

  CT1008PSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Shielded Wire-wound Chip Inductors
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
09.21.09
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
3.81
3.81
2.94
2.20
2.54
2.03
0.51
inches
0.150
0.150
0.116
0.087
0.100
0.080
0.020
PHYSICAL DIMENSIONS
L Test
Q
Q Test
SRF
DCR
*IDC
Part
Inductance
Freq.
Fact.
Freq.
Typ.
Max.
Max.
Number
(µH)
(kHz)
Typ.
(MHz)
(MHz)
(
Ω
Ω)
(A)
CT1008PSF-102_
1.0
100
26
1.0
344
0.05
3.0
CT1008PSF-152_
1.5
100
26
1.0
260
0.08
2.8
CT1008PSF-182_
1.8
100
28
1.0
225
0.09
2.1
CT1008PSF-222_
2.2
100
30
1.0
228
0.14
1.5
CT1008PSF-272_
2.7
100
30
1.0
185
0.14
1.5
CT1008PSF-392_
3.9
100
30
1.0
172
0.29
1.2
CT1008PSF-472_
4.7
100
30
1.0
157
0.35
1.1
CT1008PSF-562_
5.6
100
30
1.0
150
0.39
1.1
CT1008PSF-682_
6.8
100
30
1.0
110
0.58
0.9
CT1008PSF-103_
10
100
30
1.0
95
0.75
0.82
CT1008PSF-153_
15
100
30
1.0
75
1.15
0.70
CT1008PSF-223_
22
100
33
1.0
30
1.40
0.65
CT1008PSF-333_
33
100
33
1.0
21
1.61
0.52
CT1008PSF-393_
39
100
33
1.0
18
1.85
0.46
CT1008PSF-473_
47
100
33
1.0
15
2.2
0.43
CT1008PSF-683_
68
100
33
1.0
12
3.8
0.33
CT1008PSF-823_
82
100
33
1.0
10
4.3
0.32
CT1008PSF-104_
100
100
33
1.0
8.0
4.8
0.31
CT1008PSF-124_
120
100
33
1.0
8.0
5.0
0.25
CT1008PSF-154_
150
100
33
1.0
5.8
6.5
0.24
CT1008PSF-224_
220
100
33
1.0
5.5
12.0
0.22
CT1008PSF-334_
330
100
33
1.0
3.8
17.0
0.20
CT1008PSF-474_
470
100
33
1.0
3.1
19.0
0.16
CT1008PSF-564_
560
100
33
1.0
2.8
18.4
0.13
CT1008PSF-684_
680
100
33
1.0
2.5
24.0
0.12
CT1008PSF-824_
820
100
23
1.0
2.0
26.0
0.10
CT1008PSF-105_
1000
100
20
1.0
1.5
29.2
0.10
CT1008PSF Series
From 1.0 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD shielded wire-wound chip inductor
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance and Q tested on an HP4285A at 100kHz,
100mV.
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant
SPECIFICATIONS
Please specify tolerance code when ordering.
CT1008PSF-102_
K = ±10%, M = ±20%
*Inductance drop = 10% typ. at IDC
Note: Part Number CT1008PSF-474
Dimension C = 3.05mm (0.120in) Max.


Similar Part No. - CT1008PSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1008PSF-102K CT-CT1008PSF-102K Datasheet
170Kb / 1P
SMD Shielded Wire-wound Chip Inductors
CT1008PSF-102M CT-CT1008PSF-102M Datasheet
170Kb / 1P
SMD Shielded Wire-wound Chip Inductors
CT1008PSF-103K CT-CT1008PSF-103K Datasheet
170Kb / 1P
SMD Shielded Wire-wound Chip Inductors
CT1008PSF-103M CT-CT1008PSF-103M Datasheet
170Kb / 1P
SMD Shielded Wire-wound Chip Inductors
CT1008PSF-104K CT-CT1008PSF-104K Datasheet
170Kb / 1P
SMD Shielded Wire-wound Chip Inductors
More results

Similar Description - CT1008PSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0603PSF CT-CT0603PSF Datasheet
505Kb / 1P
SMD Shielded Wire-wound Chip Inductors
CT0805PSF CT-CT0805PSF Datasheet
498Kb / 1P
SMD Shielded Wire-wound Chip Inductors ctparts
CT1008PS CT-CT1008PS Datasheet
170Kb / 1P
SMD Shielded Wire-wound Chip Inductors
logo
Frontier Electronics.
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
logo
Central Technologies
CT1210SF CT-CT1210SF Datasheet
400Kb / 1P
Wire-wound Chip Inductors - Shielded
CT1812SF CT-CT1812SF Datasheet
407Kb / 1P
Wire-wound Chip Inductors - Shielded
logo
Frontier Electronics.
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com