Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5705ALZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705ALZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705ALZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5705ALZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Operating Temperature
The AFCT-570xZ family is available in either Extended
(-10 to +85°C) or Industrial (-40 to +85°C) temperature
ranges.
Power Supply Noise
The AFCT-570xZ can withstand an injection of PSN on
the VCC lines of 100 mV ac with a degradation in eye
mask margin of up to 10% on the transmitter and a 1
dB sensitivity penalty on the receiver. This occurs when
the product is used in conjunction with the MSA recom-
mended power supply filter shown in Figure 3.
Regulatory Compliance
The transceiver regulatory compliance is provided in
Table 1 as a figure of merit to assist the designer. The
overall equipment design will determine the certification
level.
Compliance Prediction
The real-time diagnostic parameters can be monitored
to alert the system when operating limits are exceeded
and compliance cannot be ensured.
Fault Isolation
The diagnostic information can allow the host to pin-
point the location of a link problem and accelerate
system servicing and minimize downtime.
Component Monitoring
As part of the host system monitoring, the real time
diagnostic information can be combined with system
level monitoring to ensure system reliability.
Application Support
An Evaluation Kit and Reference Designs are available
to assist in evaluation of the AFCT-570xZ SFPs. Please
contact your local Field Sales representative for avail-
ability and ordering details.
Table 1. Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
to the Electrical Pins
MIL-STD-883C Method 3015.4
JEDEC/EIA JESD22-A114-A
Class 2 (>2000 Volts)
Electrostatic Discharge (ESD)
to the Duplex LC Receptacle
Bellcore GR1089-CORE
25 kV Air Discharge
10 Zaps at 8 kV (contact discharge) on the electri-
cal faceplate on panel.
Electromagnetic Interference
(EMI)
FCC Class B
Applications with high SFP port counts are ex-
pected to be compliant; however, margins are de-
pendent on customer board and chassis design.
Immunity
Variation of IEC 61000-4-3
No measurable effect from a 10 V/m field swept
from 80 to 1000 MHz applied to the transceiver
without a chassis enclosure.
Eye Safety
US FDA CDRH AEL Class 1
EN (IEC) 60825-1, 2,
EN60950 Class 1
CDRH certification # 9521220-132
TUV file 933/21201880/12
Component Recognition
Underwriter’s Laboratories and
Canadian Standards Association Joint
Component Recognition for Informa-
tion Technology Equipment Including
Electrical Business Equipment
UL file # E173874
ROHS Compliance
Less than 1000ppm of: cadmium, lead, mercury,
hexavalent chromium, polybrominated biphenyls,
and polybrominated biphenyl ethers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com