Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5705APZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705APZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705APZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Table 4. Recommended Operating Conditions
Typical operating conditions are those values for which functional performance and device reliability is implied.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Case Operating Temperature
AFCT-5701LZ/PZ & AFCT-5705LZ/PZ
AFCT-5701ALZ/APZ & AFCT-5705ALZ/APZ
TC
TC
-10
-40
+85
+85
° C
° C
Supply Voltage
VCC
3.14
3.3
3.47
V
Table 3. Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which functional performance is not intended, device reliabil-
ity is not implied, and damage to the device may occur.
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Storage Temperature (non-operating)
TS
-40
+100
° C
Relative Humidity
RH
5
95
%
Case Temperature
TC
-40
85
° C
Supply Voltage
VCC
-0.5
3.8
V
1
Control Input Voltage
VI
-0.5
VCC+0.5
V
Table 5. Transceiver Electrical Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Module supply current
ICC
200
240
mA
2
Power Dissipation
PDISS
660
830
mW
2
AC Electrical Characteristics
Power Supply Noise Rejection (peak - peak)
PSNR
100
mV
3
Inrush Current
30
mA
DC Electrical Characteristics
Sense Outputs:
Transmit Fault (TX_FAULT)
Loss of Signal (LOS) MOD-DEF2
VOH
2.0
VccT, R+0.3
V
4
VOL
0.8
V
Control Inputs:
Transmitter Disable (TX_DISABLE)
MOD-DEF1, 2
VIH
2.0
Vcc
V
4,5
VIL
0.8
V
Data Input:
Transmitter Differential Input Voltage (TD+/-)
VI
500
2400
mV
6
Data Ouput:
Receiver Differential Output Voltage (RD+/-)
VO
370
1600
mV
7
Receiver Data Rise and Fall Times
Trf
400
ps
Receiver Contributed Deterministic
Jitter(1.0625Gbps)
DJ
0.13
122
UI
ps
8
Receiver Contributed Total Jitter
(1.0625Gbps)
TJ
0.8
188
UI
ps
9
Receiver Contributed Total Jitter
(1.25Gbps)
TJ
0.33
267
UI
ps
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com