Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3095EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3095EEE
Description  짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3095EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3095EEE Datasheet HTML 4Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 5Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 6Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 7Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 8Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 9Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 10Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 11Page - Maxim Integrated Products MAX3095EEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Applications Information
Propagation-Delay Matching
The MAX3095/MAX3096 exhibit propagation delays that
are closely matched from one device to another, even
between devices from different production lots. This fea-
ture allows multiple data lines to receive data and clock
signals with minimal skewing with respect to each other.
The MAX3095 receiver propagation delays are trimmed
to a predetermined value ±8ns, while the MAX3096
delays are trimmed to a predetermined value ±10ns.
128 Receivers on the Bus
The standard RS-485 input impedance is 12k
Ω (one-
unit load). The standard RS-485 transmitter can drive
32 unit loads. The MAX3095/MAX3096 present a 1/4-
unit-load input impedance (48k
Ω), which allows up to
128 receivers on a bus. Any combination of these RS-
485 receivers with a total of 32 unit loads can be con-
nected to the same bus.
Fail-Safe Implementation
The MAX3095/MAX3096 receiver inputs guarantee a
logic high output when the inputs are open circuit (no
termination resistor used). This occurs when the trans-
mitter is removed from the bus or when all transmitter
outputs are high impedance. However, when the line is
terminated and the transmitters are disabled, the differ-
ential voltage between the A and B inputs falls below
the ±200mV RS-485 sensitivity threshold. Consequent-
ly, the outputs become undefined. To maintain a fail-
safe receiver output while using a terminating resistor,
input A must be biased at least 200mV above input B.
The resistor-divider network shown in Figure 6 is rec-
ommended.
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
10
______________________________________________________________________________________
1k
1k
150
Ω
MAX3095
MAX3096
VCC
A
B
Figure 6. External Fail-Safe Implementation
TRANSISTOR COUNT: 676
Chip Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com