Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDO3316HCF Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO3316HCF
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO3316HCF Datasheet(HTML) 1 Page - Central Technologies

  CTDO3316HCF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2011 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
10.07.11
SPECIFICATIONS
All parts are available in ±20% inductance tolerance except 0.33µH which is only
available in ±30% inductance tolerance.
L Test
DCR
SRF
Isat
Part
Inductance
Freq.
Max.
Typ.
Typ.
Irms
Number
(µH)
(kHz)
(
Ω
Ω)
(MHz)
(A)
(A)
CTDO3316PF-331HC
.33
100
.002
300
20
16
CTDO3316PF-681HC
.68
100
.005
200
13
12
CTDO3316PF-102HC
1.0
100
.006
100
11
10
CTDO3316PF-152HC
1.5
100
.008
90
9.0
9.0
CTDO3316PF-222HC
2.2
100
.011
90
7.8
7.4
CTDO3316PF-272HC
2.7
100
.012
65
7.0
6.6
CTDO3316PF-332HC
3.3
100
.014
65
6.4
5.9
CTDO3316PF-472HC
4.7
100
.018
45
5.4
4.8
CTDO3316PF-682HC
6.8
100
.035
35
3.6
5.0
CTDO3316PF-103HC
10
100
.04
26
3.3
4.3
CTDO3316PF-153HC
15
100
.06
21
2.4
3.5
CTDO3316PF-223HC
22
100
.08
17
2.0
2.8
CTDO3316PF-333HC
33
100
.15
14
1.7
2.1
CTDO3316PF-473HC
47
100
.28
12
1.4
1.7
CTDO3316PF-683HC
68
100
.30
9
1.2
1.5
CTDO3316PF-104HC
100
100
.40
7
.95
1.2
CTDO3316HCF
Series
From 0.33 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (high current) power inductor
Applications: DC/DC converters, computers, LCD displays,
telecommunication equipment and PDA palm tops.
Operating Temperature: -40°C to +85°C
ΔΔ T: 40°C typically at Irms
Inductance Tolerance: ±20% (0.33µH = ±30%)
Inductance Drop: 10% typically at Isat
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Color dots OR Inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
PHYSICAL DIMENSIONS
A
XXX
2nd significant digit
Ind. Code
3rd significant digit
1st significant digit
B
C
D
Parts will be marked with
Significant Digit Dots OR Inductance Code
Size
A
B
C
D
Max.
Max.
Max.
Max.
mm
9.91
8.38
6.35
13.21
inches
0.39
0.33
0.25
0.52
RoHS
Compliant


Similar Part No. - CTDO3316HCF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTDO3316HCF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com