Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3837MPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3837MPBF
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3837MPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3837MPBF Datasheet HTML 17Page - International Rectifier IR3837MPBF Datasheet HTML 18Page - International Rectifier IR3837MPBF Datasheet HTML 19Page - International Rectifier IR3837MPBF Datasheet HTML 20Page - International Rectifier IR3837MPBF Datasheet HTML 21Page - International Rectifier IR3837MPBF Datasheet HTML 22Page - International Rectifier IR3837MPBF Datasheet HTML 23Page - International Rectifier IR3837MPBF Datasheet HTML 24Page - International Rectifier IR3837MPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
IR3837MPbF
Rev 1.31
When an external resistor divider is connected to
the output as shown in figure 16.
Equation (8) can be rewritten as:
For the calculated values of R8 and R9 see
feedback compensation section.
Bootstrap Capacitor Selection
To drive the Control FET, it is necessary to
supply a gate voltage at least 4V greater than
the voltage at the SW pin, which is connected to
the source of the Control FET . This is achieved
by using a bootstrap configuration, which
comprises the internal bootstrap diode and an
external bootstrap capacitor (C6). The operation
of the circuit is as follows: When the sync FET is
turned on, the capacitor node connected to SW
is pulled down to ground. The capacitor charges
towards V
cc through the internal bootstrap diode
(figure 17), which has a forward voltage drop V
D.
The voltage V
c across the bootstrap capacitor
C6 is approximately given as
When the control FET turns on in the next cycle,
the capacitor node connected to SW rises to the
bus voltage V
in. However, if the value of C6 is
appropriately chosen, the voltage V
c across C6
remains approximately unchanged and the
voltage at the Boot pin becomes:
Application Information
Design Example:
The following example is a typical application for
IR3837. The application circuit is shown on page
27.
Enabling the IR3837
As explained earlier, the precise threshold of
the Enable lends itself well to implementation of
a UVLO for the Bus Voltage as shown in figure
15.
For a typical Enable threshold of V
EN = 1.2 V
For a V
in (min)=10.2V, R1=49.9K and R2=6.8k ohm
is a good choice.
Programming the frequency
For F
s = 600 kHz, select Rt = 23.7 kΩ, using
Table 1.
Output Voltage Programming
Output voltage is programmed by reference
voltage and external voltage divider. The Fb pin
is the inverting input of the error amplifier, which
is internally referenced to 0.6V. The divider ratio
is set to provide 0.6V at the Fb pin when the
output is at its desired value. The output voltage
is defined by using the following equation:
kHz
600
=
30
%
2
≤
A
14
=
V
8
1
=
max)
V
2
13
(
V
12
=
s
o
o
o
o
in
F
transient
load
%
V
ΔV
I
.
V
.
V
)
for
Fig. 16. Typical application of the IR3837 for
programming the output voltage
(9)
....
..........
..........
..........
V
V
V
R
R
ref
o
ref
8
9
V
V
V
D
cc
c
(10)
......
..........
..........
Fb
IR3624
VOUT
R9
R8
IR3837
IR3837
Enable
Vin
R2
R
1
V
R
R
R
*
V
EN
(min)
in
(6)
..........
1.2
2
1
2
V
V
V
R
R
EN
)
min
in(
EN
(7)
..........
1
2
.....(8)
..........
..........
..........


9
8
1
R
R
V
V
ref
o
Fig. 15. Using Enable pin for UVLO
implementation
(11)
..........
..........
..........
..........
D
cc
in
Boot
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com