Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2199V Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2199V
Description  SRS 3D SURROUND AUDIO PROCESSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2199V Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2199V Datasheet HTML 2Page - New Japan Radio NJM2199V Datasheet HTML 3Page - New Japan Radio NJM2199V Datasheet HTML 4Page - New Japan Radio NJM2199V Datasheet HTML 5Page - New Japan Radio NJM2199V Datasheet HTML 6Page - New Japan Radio NJM2199V Datasheet HTML 7Page - New Japan Radio NJM2199V Datasheet HTML 8Page - New Japan Radio NJM2199V Datasheet HTML 9Page - New Japan Radio NJM2199V Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2199
- 7 -
s
s
s
sTERMINAL DESCRIPTION
PIN No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
9GND
GND
0V
10
MODE1
Mode Control
0V
11
ROUT
Rch Output
V+/2
12
LOUT
Lch Output
V+/2
150
V+
V+
V+
V+
V+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com