Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCD Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JCD
Description  Load life of 1000 ~ 2000 hours
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCD Datasheet(HTML) 2 Page - jb Capacitors Company

  JCD Datasheet HTML 1Page - jb Capacitors Company JCD Datasheet HTML 2Page - jb Capacitors Company JCD Datasheet HTML 3Page - jb Capacitors Company JCD Datasheet HTML 4Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIMENSIONS (Unit: mm)
ØDxL
4x5.4
5x5.4
6.3x5.4/7.7
8x6.2
8x10.5
10x10.5/13.5
12.5x13.5/16
16x16.5
A
2.0
2.2
2.6
3.4
3.0
3.3
4.9
5.8
B
4.3
5.3
6.6
8.4
8.4
10.4
13.0
17.0
C
4.3
5.3
6.6
8.4
8.4
10.4
13.0
17.0
E±0.2
1.0
1.4
1.9
2.3
3.1
4.7
4.7
6.4
L
5.4
5.4
5.4/7.7
6.2
10.5
10.5/13.5
13.5/16
16.5
DIMENSIONS&MAXIMUM PERMISSIBLE RIPPLE CURRENT&IMPEDANCE
WV/V
Cap/μF
6.3
10
16
0J
1A
1C
10
100
4×5.4
3.0
60
15
150
5×5.4
(4×5.4)
1.8
(3.0)
95
(60)
22
220
4×5.4
3.0
60
5×5.4
(4×5.4)
1.8
(3.0)
95
(60)
5×5.4
(4×5.4)
1.8
(3.0)
95
(60)
33
330
5×5.4
(4×5.4)
1.8
(3.0)
95
(60)
5×5.4
(4×5.4)
1.8
(3.0)
95
(60)
6.3×5.4
(5×5.4)
1.0
(1.8)
140
(95)
47
470
5×5.4
(4×5.4)
1.8
(3.0)
95
(60)
6.3×5.4
(5×5.4)
1.0
(1.8)
140
(95)
6.3×5.4
(5×5.4)
1.0
(1.8)
140
(95)
68
680
6.3×5.4
(5×5.4)
1.0
(1.8)
140
(95)
6.3×5.4
1.0
140
6.3×7.7
(6.3×5.4)
0.6
(1.0)
230
(140)
100
101
6.3×5.4
(5×5.4)
1.0
(1.8)
140
(95)
6.3×7.7
(6.3×5.4)
0.6
(1.0)
230
(140)
6.3×7.7
(6.3×5.4)
0.6
(1.0)
230
(140)
150
151
6.3×7.7
(6.3×5.4)
0.6
(1.0)
230
(140)
6.3×7.7
(6.3×5.4)
0.6
(1.0)
230
(140)
6.3×7.7
0.6
230
220
221
6.3×7.7
(6.3×5.4)
0.6
(1.0)
230
(140)
6.3×7.7
0.6
230
8×10.5
(6.3×7.7)
0.3
(0.6)
450
(230)
330
331
6.3×7.7
0.6
230
8×10.5
0.3
450
10×10.5
(8×10.5)
0.15
(0.3)
670
(450)
470
471
8×10.5
0.3
450
8×10.5
0.3
450
10×10.5
(8×10.5)
0.15
(0.3)
670
(450)
680
681
8×10.5
0.3
450
10×10.5
0.15
670
10×10.5
0.15
670
1000
102
10×10.5
(8×10.5)
0.15
(0.3)
670
(450)
10×10.5
0.15
670
10×10.5
0.15
670
1500
152
10×13.5
(10×10.5)
0.13
(0.15)
750
(670)
12.5×13.5
(10×13.5)
0.11
(0.13)
820
(750)
12.5×13.5
0.11
820
2200
222
12.5×13.5
(10×13.5)
0.11
(0.13)
820
(750)
12.5×16
0.09
950
16×16.5
(12.5×16)
0.08
(0.09)
1260
(950)
3300
332
12.5×16
(12.5×13.5)
0.09
(0.11)
950
(820)
16×16.5
0.08
1260
16×16.5
0.08
1260
4700
472
16×16.5
0.08
1260
16×16.5
0.08
1260
Case Size
ØD×L(mm)
Impedance
(Ω) at 20℃
100kHz
Ripple Current
(mA rms) at
105℃ 100kHz
Please visit our website to get more update data, those data & specification are subject to change without notice
SMD Aluminum Electrolytic Capacitor – JCD
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com