Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6594 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N6594
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6594 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6594_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6594_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6594_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JMnic
Product Specification
2
Silicon PNP Power Transistors
2N6594
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=-0.1A ;IB=0
-40
V
VCEsat-1
Collector-emitter saturation voltage
IC=-4A; IB=-0.4A
-1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=-12A; IB=-2.4A
-4.0
V
VBEsat
Base-emitter saturation voltage
IC=-4A; IB=-0.4A
-2.0
V
ICEO
Collector cut-off current
VCE=-40V; IB=0
-1.0
mA
ICBO
Collector cut-off current
VCB=-45V; IE=0
-1.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5.0
mA
hFE-1
DC current gain
IC=-4A ; VCE=-3V
15
200
hFE-2
DC current gain
IC=-12A ; VCE=-4V
5
100
fT
Transition frequency
IC=-1.0A ; VCE=-4V;f=0.5MHz
1.5
20
MHz
Switching times
td
Delay time
0.4
μs
tr
Rise time
1.5
μs
tstg
Storage time
5.0
μs
tf
Fall time
IC=-2A; IB1=-IB2=-0.2A
VCC=-30V; tp=25μs;
Duty Cycle≤2.0%
1.5
μs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.75
℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com