Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFG280 Datasheet(PDF) 1 Page - ORION FANS

Part # LFG280
Description  FILTER KIT FOR 280mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

LFG280 Datasheet(HTML) 1 Page - ORION FANS

  LFG280 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABS Resin - flame resistant UL94V-0, Vents with
screens at 45-degree angle. Includes high foam
sealing edge - protection grade IP44-IP54.
Nylon Fiber - synthetic resin, filters to 8 microns.
Black is standard. Gray (RAL7035) is available on
request. To specify gray remove
“B” from part number.
Minimums may apply.


Similar Part No. - LFG280

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFG2060 LIGITEK-LFG2060 Datasheet
59Kb / 1P
FLASH ROUND TYPE LED LAMPS
logo
ORION FANS
LFG225B ORIONFANS-LFG225B Datasheet
536Kb / 1P
filter kit for 225mm
More results

Similar Description - LFG280

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRFILTER TRIPPLITE-SRFILTER Datasheet
478Kb / 2P
SmartRack Enclosure Filter Kit
logo
ORION FANS
OA225LFG111T ORIONFANS-OA225LFG111T Datasheet
475Kb / 1P
Louvered Filter Fan Kit
OA254LFG111T ORIONFANS-OA254LFG111T Datasheet
175Kb / 1P
Louvered Filter Fan Kit
OA254LFG111TXC ORIONFANS-OA254LFG111TXC Datasheet
298Kb / 1P
Louvered Filter Fan Kit
OA280LFG111T ORIONFANS-OA280LFG111T Datasheet
580Kb / 1P
Louvered Filter Fan Kit
LFG225B ORIONFANS-LFG225B Datasheet
536Kb / 1P
filter kit for 225mm
G280 ORIONFANS-G280 Datasheet
488Kb / 1P
Fan Guard for 280mm fan
OA109LFG ORIONFANS-OA109LFG Datasheet
174Kb / 1P
Louvered Filter Fan Kit
OA225LFG ORIONFANS-OA225LFG Datasheet
475Kb / 1P
Louvered Filter Fan Kit
OA280LFG ORIONFANS-OA280LFG Datasheet
580Kb / 1P
Louvered Filter Fan Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com