Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224CAP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX3224CAP
Description  1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224CAP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX3224CAP Datasheet HTML 12Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 13Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 14Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 15Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 16Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 17Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 18Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 19Page - Maxim Integrated Products MAX3224CAP Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
16
______________________________________________________________________________________
MAX3244
MAX3245
FORCEON
23
R5OUT
15
R4OUT
16
R3OUT
17
R2OUT
18
R1OUT
19
R2OUTB
20
FORCEOFF
22
R5IN 8
R4IN 7
R3IN 6
R2IN
5
R1IN 4
GND
25
T3IN
12
T2IN
13
T1IN
14
C2-
2
C2+
1
C1-
24
C1+
28
T3OUT 11
T2OUT 10
T1OUT 9
V-
3
V+
27
VCC
C4
0.1
µF
C3
0.1
µF
C1
0.1
µF
CBYPASS
0.1
µF
C2
0.1
µF
+3.3V
26
INVALID 21
AUTOSHUTDOWN
PLUS
MAX3226
MAX3227
FORCEON
READY
12
1
R1OUT
9
FORCEOFF 16
INVALID
10
GND
14
T1IN
11
C2-
6
C2+
5
C1-
4
C1+
2
R1IN 8
T1OUT 13
V-
7
V+
3
VCC
VCC
C4
0.1
µF
C3
0.1
µF
0.1
µF
15
C1
0.1
µF
C2
0.1
µF
CBYPASS
CBYPASS
+3.3V
TO POWER-
MANAGEMENT
UNIT
5k
MAX3224
MAX3225
FORCEON
READY
14
1
R2OUT
10
R1OUT
15
FORCEOFF 20
INVALID
11
R2IN
9
GND
18
RS-232
OUTPUTS
TTL/CMOS
INPUTS
T2IN
12
T1IN
13
C2-
6
C2+
5
C1-
4
C1+
2
R1IN 16
T2OUT 8
T1OUT 17
V-
7
V+
3
VCC
VCC
C4
0.1
µF
C3
0.1
µF
0.1
µF
19
C1
0.1
µF
C2
0.1
µF
+3.3V
RS-232
INPUTS
TO POWER-
MANAGEMENT
UNIT
TTL/CMOS
OUTPUTS
5k
5k
5k
5k
5k
5k
5k
AUTOSHUTDOWN
PLUS
AUTOSHUTDOWN
PLUS
___________________________________________________Typical Operating Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com