Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3228EBV Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3228EBV
Description  2.5V to 5.5V RS-232 Transceivers in UCSP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3228EBV Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3228EBV Datasheet HTML 1Page - Maxim Integrated Products MAX3228EBV Datasheet HTML 2Page - Maxim Integrated Products MAX3228EBV Datasheet HTML 3Page - Maxim Integrated Products MAX3228EBV Datasheet HTML 4Page - Maxim Integrated Products MAX3228EBV Datasheet HTML 5Page - Maxim Integrated Products MAX3228EBV Datasheet HTML 6Page - Maxim Integrated Products MAX3228EBV Datasheet HTML 7Page - Maxim Integrated Products MAX3228EBV Datasheet HTML 8Page - Maxim Integrated Products MAX3228EBV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
+2.5V to +5.5V RS-232 Transceivers
in UCSP
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.5V to +5.5V, VL = +1.65V to +5.5V, C1–C4 = 0.1µF, tested at +3.3V ±10%, TA = TMIN to TMAX. Typical values are at TA =
+25°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER INPUTS
Input Voltage Range
-25
+25
V
VCC = 3.3V
0.6
1.2
Input Threshold Low
TA = +25°C
VCC = 5.0V
0.8
1.7
V
VCC = 3.3V
1.3
2.4
Input Threshold High
TA = +25°C
VCC = 5.0V
1.8
2.4
V
Input Hysteresis
0.5
V
Input Resistance
35
7
k
Ω
AUTOSHUTDOWN
Positive threshold
2.7
Receiver Input Threshold to
INVALID Output High
Figure 3a
Negative threshold
-2.7
V
Receiver Input Threshold to
INVALID Output Low
-0.3
0.3
V
Receiver Positive or Negative
Threshold to
INVALID High
tINVH
VCC = +5.0V, Figure 3b
1
µs
Receiver Positive or Negative
Threshold to
INVALID Low
tINVL
VCC = +5.0V, Figure 3b
30
µs
Receiver Edge to Transmitters
Enabled
tWU
VCC = +5.0V, Figure 3b
100
µs
TRANSMITTER OUTPUTS
VCC Mode Switch Point
(VCC Falling)
T_OUT = ±5.0V to ±3.7V
2.85
3.1
V
VCC Mode Switch Point
(VCC Rising)
T_OUT = ±3.7V to ±5.0V
3.3
3.7
V
VCC Mode Switch Point Hysteresis
400
mV
VCC = +3.1V to
+5.5V, VCC falling
±5
±5.4
Output Voltage Swing
All transmitter
outputs loaded with
3k
Ω to ground.
VCC = +2.5V to
+2.9V
±3.7
V
Output Resistance
VCC = V+ = V- = 0, T_OUT = ±2V
300
10M
Ω
Output Short-Circuit Current
±60
mA
Output Leakage Current
T_OUT = ±12V, transmitters disabled
±25
µA
INVALID OUTPUT
Output Voltage Low
IOUT = 0.8mA
0.4
V
Output Voltage High
IOUT = -0.5mA
VCC - 0.4 VCC - 0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com