Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR4301 Datasheet(PDF) 8 Page - International Rectifier

Part # IR4301
Description  High peak music power output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4301 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR4301 Datasheet HTML 4Page - International Rectifier IR4301 Datasheet HTML 5Page - International Rectifier IR4301 Datasheet HTML 6Page - International Rectifier IR4301 Datasheet HTML 7Page - International Rectifier IR4301 Datasheet HTML 8Page - International Rectifier IR4301 Datasheet HTML 9Page - International Rectifier IR4301 Datasheet HTML 10Page - International Rectifier IR4301 Datasheet HTML 11Page - International Rectifier IR4301 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
IR43x1
8 www.irf.com
© 2013 International Rectifier
Electrical Characteristics
VCC,VBS= 12 V, VSS=VS=VN=COM=0V, VAA=9.6V and TA=25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Low Side Supply
UVCC+
Vcc supply UVLO positive
threshold
8.4
8.9
9.4
V
UVCC-
Vcc supply UVLO negative
threshold
8.2
8.7
9.2
V
UVCCHYS
UVCC hysteresis
-
0.2
-
V
IQCC
Low side quiescent current
-
-
3
mA
ICC
Low side operating current
-
5
-
mA
f=400kHz
VCLAMPL
Low side zener diode clamp
voltage
14.7
15.3
16.2
V
ICC=5mA
High Side Floating Supply
UVBS+
High side well UVLO
positive threshold
8.0
8.5
9.0
V
UVBS-
High side well UVLO
negative threshold
7.8
8.3
8.8
V
UVBSHYS
UVBS hysteresis
-
0.2
-
V
IQBS
High side quiescent current
-
-
2.4
mA
VCLAMPH
High side zener diode clamp
voltage
14.7
15.3
16.2
V
IBS=5mA
Floating Input Supply
UVAA+
VA+, VA- floating supply
UVLO positive threshold
from VSS
8.2
8.7
9.2
V
VSS =0V, GND
pin floating
UVAA-
VA+, VA- floating supply
UVLO negative threshold
from VSS
7.7
8.2
8.7
V
VSS =0V, GND
pin floating
UVAAHYS
UVAA hysteresis
-
0.5
-
V
VSS =0V, GND
pin floating
IQAA0
Floating Input positive
quiescent supply current
-
1
2
mA
VAA=9.6V, VSS
=0V,
VCSD =VSS
IQAA1
Floating Input positive
quiescent supply current
-
2
3
mA
VAA=9.6V, VSS
=0V,
VCSD =VAA
IQAA2
Floating Input positive
quiescent supply current
-
2.5
4
mA
VAA=9.6V, VSS
=0V,
VCSD =GND
ILKM
Floating input side to Low
side leakage current
-
-
50
µA
VAA=VSS=VGND=
100V
VCLAMPM+
VAA floating supply zener
diode clamp voltage,
positive, with respect to
GND
4.9
5.1
5.4
V
IAA=5mA,
ISS=5mA,
VGND=0V,
VCSD =VSS
VCLAMPM-
VSS floating supply zener
diode clamp voltage,
negative, with respect to
GND
-5.4
-5.1
-4.9
V
IAA=5mA,
ISS=5mA,
VGND=0V,
VCSD =VSS
April 22, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com