Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243EEAI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3243EEAI
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243EEAI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3243EEAI Datasheet HTML 8Page - Maxim Integrated Products MAX3243EEAI Datasheet HTML 9Page - Maxim Integrated Products MAX3243EEAI Datasheet HTML 10Page - Maxim Integrated Products MAX3243EEAI Datasheet HTML 11Page - Maxim Integrated Products MAX3243EEAI Datasheet HTML 12Page - Maxim Integrated Products MAX3243EEAI Datasheet HTML 13Page - Maxim Integrated Products MAX3243EEAI Datasheet HTML 14Page - Maxim Integrated Products MAX3243EEAI Datasheet HTML 15Page - Maxim Integrated Products MAX3243EEAI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
______________________________________________________________________________________
13
+V
COMPUTER SERIAL PORT
+V
-V
GND
Tx
SERIAL
MOUSE
MAX3243E
FORCEOFF
23
R5OUT
15
R4OUT
16
R3OUT
17
R2OUT
18
R1OUT
19
R2OUTB
20
LOGIC
OUTPUTS
5k
5k
5k
5k
5k
R5IN
8
R4IN
7
R3IN
6
R2IN
5
R1IN
4
RS-232
INPUTS
GND
25
LOGIC
INPUTS
T3IN
12
T2IN
13
T1IN
14
C2-
2
C2+
1
C1-
24
C1+
28
T3OUT
11
T2OUT
10
T1OUT
9
V-
3
V+
27
VCC
VCC
VCC
C4
0.1
µF
C3
0.1
µF
0.1
µF
26
C1
0.1
µF
C2
0.1
µF
FORCEON
INVALID
22
21
TO POWER-
MANAGEMENT
UNIT
+3.3V
Figure 12b. Mouse Driver Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com