Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA254AP Datasheet(PDF) 1 Page - ORION FANS

Part # OA254AP
Description  AC FAN - Salt Fog Rated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA254AP Datasheet(HTML) 1 Page - ORION FANS

  OA254AP Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model Number
OA254AP-11-1TB (SF)
OA254AP-22-1TB (SF)
Part Number
254315562
254615562
Nominal Voltage
115VAC
230VAC
Current (Amps)
0.29A(0.51 locked)
0.14A(0.25 locked)
Rated Power
33 W
33 W
Rated Speed
1650
1650
Airflow - CFM
550
550
Noise Level - dB
55
55
Max. Static Pressure
0.40” H2O
0.40” H2O
O
OAA225544AAPP SSeerriieess
AC Fan - Salt Fog Rated
254 x 89mm (10.0” x 3.5”)
Frame
DiecastAluminum
Environmental Protection
SALT FOG RATED (SF)
Operating Temperature
Ball Bearing
-20C ~ +80C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Impeller
PBT, UL94V-O plastic
Connection
Terminals
Motor
Capacitor drive, impedance
and thermally protected
Bearing System
Dual ball
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
m2
protected
>40,000


Similar Part No. - OA254AP

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA254AP ORIONFANS-OA254AP Datasheet
5Mb / 8P
AC & EC FANS
OA254AP-11-1 ORIONFANS-OA254AP-11-1 Datasheet
137Kb / 1P
254 x 89mm
logo
List of Unclassifed Man...
OA254AP-11-1 ETC2-OA254AP-11-1 Datasheet
86Kb / 1P
Operating Temperature Ball Bearing -20C ~ 80C
logo
ORION FANS
OA254AP-11-1TB ORIONFANS-OA254AP-11-1TB Datasheet
155Kb / 1P
AC Fan
OA254AP-11-1TBSF ORIONFANS-OA254AP-11-1TBSF Datasheet
136Kb / 1P
Salt Fog
More results

Similar Description - OA254AP

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109AP-11 ORIONFANS-OA109AP-11 Datasheet
928Kb / 1P
AC Fan
OA162-5E-115 ORIONFANS-OA162-5E-115 Datasheet
101Kb / 1P
AC Fan
OA180ANL-11-1-1856 ORIONFANS-OA180ANL-11-1-1856 Datasheet
532Kb / 1P
AC Fan
OA172 ORIONFANS-OA172 Datasheet
245Kb / 1P
AC FAN - SALT FOG RATED
OA109-SF ORIONFANS-OA109-SF Datasheet
219Kb / 1P
AC Fan - Salt Fog Rated 120x38mm (4.7?쓝 1.5??
OA172SAP-SF ORIONFANS-OA172SAP-SF Datasheet
250Kb / 1P
AC FAN - Salt Fog Rated 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPXC-SF ORIONFANS-OA172SAPXC-SF Datasheet
245Kb / 1P
AC FAN - Salt Fog Rated 172x150x55mm (6.7?쓝 5.9?쓝 2.2??
OA109AP-11-1TB ORIONFANS-OA109AP-11-1TB Datasheet
219Kb / 1P
Salt Fog Rated
OA172XC ORIONFANS-OA172XC Datasheet
228Kb / 1P
Salt Fog
OA254AP-11-1TBSF ORIONFANS-OA254AP-11-1TBSF Datasheet
136Kb / 1P
Salt Fog
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com