Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3232ESE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3232ESE
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3232ESE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3232ESE Datasheet HTML 1Page - Maxim Integrated Products MAX3232ESE Datasheet HTML 2Page - Maxim Integrated Products MAX3232ESE Datasheet HTML 3Page - Maxim Integrated Products MAX3232ESE Datasheet HTML 4Page - Maxim Integrated Products MAX3232ESE Datasheet HTML 5Page - Maxim Integrated Products MAX3232ESE Datasheet HTML 6Page - Maxim Integrated Products MAX3232ESE Datasheet HTML 7Page - Maxim Integrated Products MAX3232ESE Datasheet HTML 8Page - Maxim Integrated Products MAX3232ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232
Transceivers Using Four 0.1µF External Capacitors
_______________________________________________________________________________________
3
TIMING CHARACTERISTICS—MAX3222/MAX3232/MAX3241
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
T1IN = T2IN = GND, T3IN = VCC,
T3OUT loaded with 3k
Ω to GND,
T1OUT and T2OUT loaded with 2.5mA each
CONDITIONS
V
±5.0
Transmitter Output Voltage
V
0.3
Input Hysteresis
UNITS
MIN
TYP
MAX
PARAMETER
All transmitter outputs loaded with 3k
Ω to ground
V
±5.0
±5.4
Output Voltage Swing
mA
±35
±60
Output Short-Circuit Current
VCC = V+ = V- = 0V, TOUT = ±2V
Ω
300
10M
Output Resistance
VOUT = ±12V, VCC = 0V or 3V to 5.5V, transmitters
disabled
µA
±25
Output Leakage Current
tPHL
RL = 3kΩ, CL = 1000pF, one transmitter switching
tPLH
| tPHL - tPLH |
| tPHL - tPLH |
Normal operation
Normal operation
CONDITIONS
0.3
µs
0.3
Receiver Propagation Delay
kbps
120
235
Maximum Data Rate
ns
300
Receiver Skew
ns
300
Transmitter Skew
ns
200
Receiver Output Disable Time
ns
200
Receiver Output Enable Time
UNITS
MIN
TYP
MAX
PARAMETER
630
VCC = 3.3V, RL = 3Ω to 7kΩ,
+3V to -3V or -3V to +3V,
TA = +25°C
V/µs
430
Transition-Region Slew Rate
R_IN to R_OUT, CL = 150pF
CL = 150pF to
1000pF
CL = 150pF to
2500pF
TA = +25°C
k
Ω
35
7
Input Resistance
MOUSE DRIVEABILITY (MAX3241)
TRANSMITTER OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com