Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAM136-3023B Datasheet(PDF) 13 Page - International Rectifier

Part # IRAM136-3023B
Description  Temperature Monitor and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-3023B Datasheet(HTML) 13 Page - International Rectifier

Back Button IRAM136-3023B Datasheet HTML 8Page - International Rectifier IRAM136-3023B Datasheet HTML 9Page - International Rectifier IRAM136-3023B Datasheet HTML 10Page - International Rectifier IRAM136-3023B Datasheet HTML 11Page - International Rectifier IRAM136-3023B Datasheet HTML 12Page - International Rectifier IRAM136-3023B Datasheet HTML 13Page - International Rectifier IRAM136-3023B Datasheet HTML 14Page - International Rectifier IRAM136-3023B Datasheet HTML 15Page - International Rectifier IRAM136-3023B Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IRAM136-3023B
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Therm istor Tem perature - °C
Min
Avg.
Max
TTHERM
RTHERM
TTHERM
RTHERM
TTHERM
RTHERM
°C
°C
°C
-40
4397119
25
100000
90
7481
-35
3088599
30
79222
95
6337
-30
2197225
35
63167
100
5384
-25
1581881
40
50677
105
4594
-20
1151037
45
40904
110
3934
-15
846579
50
33195
115
3380
-10
628988
55
27091
120
2916
-5
471632
60
22224
125
2522
0
357012
65
18322
130
2190
5
272500
70
15184
135
1907
10
209710
75
12635
140
1665
15
162651
80
10566
145
1459
20
127080
85
8873
150
1282
+5V
EXT
R
VTherm
RTherm
Figure 9. Thermistor Readout vs. Temperature (12Kohm pull-up resistor, 5V) and
Normal Thermistor Resistance values vs. Temperature Table.
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
0
5
10
15
20
PWM Frequency - kHz
15 F
6.8 F
4.7 F
3.3 F
10 F
COM
Lo
Ho
Vs
HIN
H
HIN
L
Vcc
B
V
SS
V
BS
C
BS
D
BS
R
G1
R
G2
R
V +
U,V,W
GND
HIN
H
+15V
HIN
L
SS
V
Figure 10. Recommended Bootstrap Capacitor Value vs. Switching Frequency
www.irf.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com