Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX335C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX335C/D
Description  Serial Controlled, 8-Channel SPST Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX335C/D Datasheet HTML 1Page - Maxim Integrated Products MAX335C/D Datasheet HTML 2Page - Maxim Integrated Products MAX335C/D Datasheet HTML 3Page - Maxim Integrated Products MAX335C/D Datasheet HTML 4Page - Maxim Integrated Products MAX335C/D Datasheet HTML 5Page - Maxim Integrated Products MAX335C/D Datasheet HTML 6Page - Maxim Integrated Products MAX335C/D Datasheet HTML 7Page - Maxim Integrated Products MAX335C/D Datasheet HTML 8Page - Maxim Integrated Products MAX335C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Serial Controlled, 8-Channel SPST Switch
4
_______________________________________________________________________________________
PARAMETER
DOUT Data-Hold Time After Rising
SCLK (Note 4)
SYMBOL
MIN
TYP
MAX
0
UNITS
Data-Setup Time
tDS
ns
200
Rise Time of DOUT (Note 3)
ns
SCLK Low Time
100
tCL
190
ns
SCLK High Time
tCH
190
ns
ns
CS Lag Time
tCSH2
240
ns
Data-Hold Time
tDH
0
ns
DOUT Data Valid After
Falling SCLK
tDO
240
2
ns
µs
Fall Time of DOUT (Note 3)
100
ns
Cycle Time
SCLK Maximum Frequency
2
fSCLK
2.1
µs
MHz
tCH + tCL
480
ns
CS Lead Time
tCSS
240
ns
CONDITIONS
CL = 10pF
20% VL to 70% VL, CL = 10pF
20% VL to 70% VL, CL = 10pF
70% VL to 20% VL, CL = 10pF
70% VL to 20% VL, CL = 10pF
Note 4: This specification guarantees that data at DOUT never appears before SCLK's falling edge.
TIMING CHARACTERISTICS OF SERIAL DIGITAL INTERFACE (Figure 1)
(VL = +5V ±10%, V+ = +15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted.)
400
TA = +25°C
Allowable Fall Time at DIN,
SCLK,
CS (Note 3)
Allowable Rise Time at DIN,
SCLK,
CS (Note 3)
50% of SCLK to 10% of
DOUT CL = 10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com