Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX335ENG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX335ENG
Description  Serial Controlled, 8-Channel SPST Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335ENG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX335ENG Datasheet HTML 1Page - Maxim Integrated Products MAX335ENG Datasheet HTML 2Page - Maxim Integrated Products MAX335ENG Datasheet HTML 3Page - Maxim Integrated Products MAX335ENG Datasheet HTML 4Page - Maxim Integrated Products MAX335ENG Datasheet HTML 5Page - Maxim Integrated Products MAX335ENG Datasheet HTML 6Page - Maxim Integrated Products MAX335ENG Datasheet HTML 7Page - Maxim Integrated Products MAX335ENG Datasheet HTML 8Page - Maxim Integrated Products MAX335ENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Serial Controlled, 8-Channel SPST Switch
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VL = +5V ±10%, V+ = 15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: When VL falls below this voltage, all switches are set off and the internal shift register is cleared (all zero).
Note 3: Guaranteed, not production tested.
PARAMETER
COM Off-Capacitance
SYMBOL
MIN
TYP
MAX
CCOM(OFF)
2
UNITS
pF
200
400
Channel On-Capacitance
CCOM(ON)
8
SCLK Input Hysteresis
SCLKHYST
100
pF
mV
VL RESET Voltage
VLL
0.8
V
Turn-On Time
tON
500
ns
90
400
Off Isolation
Turn-Off Time
OIRR
tOFF
500
90
ns
NO Off-Capacitance
dB
CNO(OFF)
2
pF
Channel-to-Channel Crosstalk
CCRR
100
dB
Break-Before-Make Delay
TBBM
25
15
Clock Feedthrough at S, D
(Note 3)
ESCLK
100
nV-sec
DOUT Output Voltage
Logic Low
VDOUT
0.4
V
Power-Supply Voltage Range
V+/V-
±4.5
±20
V
VL
4.5
V+
V
CONDITIONS
VD = GND, f = 1MHz
VD = VS = GND,
f = 1MHz
(Note 2)
From rising edge of
CS
RL = 100Ω, CL = 15pF,
VS = 1VRMS, f = 100kHz
From rising edge of
CS
VS = GND, f = 1MHz
RL = 50Ω, CL = 15pF,
VS = 1VRMS, f = 100kHz
DLOAD = SLOAD =
75
Ω, measured
at S and D
IDOUT = -1.6mA
150
300
V+ Supply Current
I+
DIN =
CS = SCLK =
0V/5V
500
µA
0.01
10
V- Supply Current
I-
DIN =
CS = SCLK =
0V/5V
10
µA
50
100
VL Power-Supply Voltage Range
VL Supply Current
IL
DIN =
CS = SCLK =
0V/5V
200
µA
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
ns
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
VL RESET Voltage
VLH
2.4
V
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLIES
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com