Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABLS6M Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABLS6M
Description  SMD MICROPROCESSOR CRYSTAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLS6M Datasheet(HTML) 1 Page - Abracon Corporation

  ABLS6M Datasheet HTML 1Page - Abracon Corporation ABLS6M Datasheet HTML 2Page - Abracon Corporation ABLS6M Datasheet HTML 3Page - Abracon Corporation ABLS6M Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABLS6M
APPLICATIONS:
FEATURES:
• Low profile: 1.9mm typ. height
• Suitable for RoHS compliant reflow
• Tight stability & extended temperature options
• High reliability & Cost effective
• Resistance welded metal package
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
SMD MICROPROCESSOR CRYSTAL
Pb RoHS / RoHS II Compliant
6.0 x 3.0 x 1.9mm
• Wireless Applications
• Home electronics
• Computers, modems, and communications
• Microprocessors
STANDARD SPECIFICATIONS:
* Please contact Abracon for other frequencies.
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
0
.
0
3
0
.
2
1
*
e
g
n
a
R
y
c
n
e
u
q
e
r
F
z
H
M
0
.
6
1
,
0
.
2
1
s
e
i
c
n
e
u
q
e
r
F
d
r
a
d
n
a
t
S
Operation Mode
Fundamental (AT-cut)
Operating Temperature
0
+70
ºC
See options
0
4
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
+125
ºC
Frequency Tolerance @+25°C
-50
+50
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-50
+50
ppm
See options
Equivalent series resistance (R1)
60
Ω
@+25°C
F
p
5
)
0
C
(
e
c
n
a
ti
c
a
p
a
c
t
n
u
h
S
F
p
8
1
)
L
C
(
e
c
n
a
ti
c
a
p
a
c
d
a
o
L
Standard (See options if
other than STD)
W
µ
0
0
1
0
5
l
e
v
e
L
e
v
ir
D
m
p
p
5
+
5
-
g
n
i
g
A
@25°C±3°C
First year
M
0
0
5
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I
Ω
@ 100Vdc ± 15V
Drive level dependency (DLD)
10nw ~ 100uw,12 points
Change in ESR (Maximum - Minimum) over DLD range < 30% ESR max.
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 01.29.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
Reduced footprint from ABLS (standard HC/49US package) by 66%
•


Similar Part No. - ABLS6M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLS ABRACON-ABLS Datasheet
234Kb / 3P
HC/49US (AT49) SMD LOW PROFILE CRYSTAL
07.26.07
ABLS ABRACON-ABLS Datasheet
228Kb / 2P
HC/49US (AT49) SMD LOW PROFILE CRYSTAL
04.15.08
ABLS ABRACON-ABLS Datasheet
544Kb / 1P
LOW PROFILE SURFACE MOUNT
logo
List of Unclassifed Man...
ABLS-10.000MHZ-B2-T ETC1-ABLS-10.000MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABLS-11.0592MHZ-B2-T ETC1-ABLS-11.0592MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
More results

Similar Description - ABLS6M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM2 ABRACON-ABM2_07 Datasheet
194Kb / 2P
CERAMIC SMD MICROPROCESSOR CRYSTAL
08.08.07
ABSM2 ABRACON-ABSM2_08 Datasheet
194Kb / 2P
MOLDED PLASTIC SMD MICROPROCESSOR CRYSTAL
01.11.08
ABM2 ABRACON-ABM2_11 Datasheet
1Mb / 3P
CERAMIC SMD MICROPROCESSOR CRYSTAL
11.29.11
ABM7-12.000MHZ-D-2-Y-T ABRACON-ABM7-12.000MHZ-D-2-Y-T Datasheet
1Mb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
12.13.10
logo
TEMEX
RHC-49US TEMEX-RHC-49US Datasheet
442Kb / 5P
SMD Microprocessor Crystal
logo
Abracon Corporation
ABLS7M ABRACON-ABLS7M Datasheet
3Mb / 4P
SMD MICROPROCESSOR CRYSTAL
01.06.15
ABM2 ABRACON-ABM2_15 Datasheet
1Mb / 4P
CERAMIC SMD MICROPROCESSOR CRYSTAL
08.13.14
ABMC2 ABRACON-ABMC2_15 Datasheet
872Kb / 3P
SMD MICROPROCESSOR CRYSTAL
08.19.10
ABSM2 ABRACON-ABSM2_15 Datasheet
1Mb / 2P
MOLDED PLASTIC SMD MICROPROCESSOR CRYSTAL
10.23.14
ABLS7M2 ABRACON-ABLS7M2 Datasheet
3Mb / 4P
SMD MICROPROCESSOR CRYSTAL
01.28.15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com